Electronic Components Datasheet Search
  English  ▼

X  

AD5116 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5116
Description  Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5116 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5116 Datasheet HTML 18Page - Analog Devices AD5116 Datasheet HTML 19Page - Analog Devices AD5116 Datasheet HTML 20Page - Analog Devices AD5116 Datasheet HTML 21Page - Analog Devices AD5116 Datasheet HTML 22Page - Analog Devices AD5116 Datasheet HTML 23Page - Analog Devices AD5116 Datasheet HTML 24Page - Analog Devices AD5116 Datasheet HTML 25Page - Analog Devices AD5116 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5110/AD5112/AD5114
Data Sheet
Rev. 0 | Page 22 of 28
SCL
SDA
START BY
MASTER
ACK. BY
AD5114
ACK. BY
AD5114
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 3
LEAST SIGNIFICANT DATA BYTE
SCL (CONTINUED)
SDA (CONTINUED)
ACK. BY
AD5114
STOP BY
MASTER
0
1
9
1
9
9
9
1
1
0
1
1
A1
A0
0
0
0
0
0
C2
C1
C0
D2
D1
D3
D5
D4
D0
0
0
R/W
Figure 43. AD5114 Interface Write Command
SCL
SDA
0
1
9
1
9
9
9
1
1
0
1
1
A1
A0
R/W
0
0
0
0
0
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
SCL (CONTINUED)
SDA (CONTINUED)
SCL (CONTINUED)
SDA (CONTINUED)
SCL (CONTINUED)
SDA (CONTINUED)
1
9
9
D7
D6
D5
D4
D3
D2
D1
D0
1
9
9
0
0
0
0
0
C2
C1
C0
FRAME 4
MOST SIGNIFICANT DATA BYTE
FRAME 5
LEAST SIGNIFICANT DATA BYTE
START BY
MASTER
ACK. BY
AD5110
ACK. BY
AD5110
ACK. BY
AD5110
ACK. BY
AD5110
ACK. BY
AD5110
STOP BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
MOST SIGNIFICANT DATA BYTE
FRAME 3
LEAST SIGNIFICANT DATA BYTE
Figure 44. AD5110 Interface Multiple Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com