Electronic Components Datasheet Search
  English  ▼

X  

HT56RB688 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT56RB688 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 164 page
background image
Real Time Clock Interrupt .....................................................................................97
Time Base Interrupt ..............................................................................................98
Programming Considerations ...............................................................................99
Reset and Initialisation ...................................................................100
Reset Functions .................................................................................................100
Reset Initial Conditions .......................................................................................102
Oscillator..........................................................................................106
System Clock Configurations..............................................................................106
External Crystal/ Ceramic Oscillator
- HXT .......................................................106
External RC Oscillator
- ERC.............................................................................107
Internal RC Oscillator
- HIRC .............................................................................107
Internal 32kHz RC Oscillator
- LIRC...................................................................107
External 32.768kHz Oscillator
- LXT ..................................................................108
LXT Oscillator Low Power Function ....................................................................109
External Oscillator
- EC......................................................................................109
System Operating Modes ...............................................................109
Clock Sources ....................................................................................................109
Operating Modes ................................................................................................112
Power Down Mode and Wake-up ...................................................113
Power Down Mode .............................................................................................113
Entering the Power Down Mode .........................................................................113
Standby Current Considerations .........................................................................113
Wake-up .............................................................................................................113
Low Voltage Detector - LVD ...........................................................114
LVD Operation ....................................................................................................114
Watchdog Timer...............................................................................115
Watchdog Timer Operation .................................................................................115
Clearing the Watchdog Timer..............................................................................116
USB Interface ...................................................................................117
USB Operation ...................................................................................................117
USB Status and Control Registers ......................................................................117
USB Register Summary......................................................................................118
USB Interface Suspend Mode and Wake-up ......................................................126
USB Interrupt Structure .....................................................................................127
Digital to Analog Converter - DAC ................................................128
Operation ...........................................................................................................128
DC/DC Converter and LDO .............................................................129
DC2DC Register.................................................................................................129
Contents
Rev. 1.00
5
December 2, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com