Electronic Components Datasheet Search
  English  ▼

X  

HT56RB688 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT56RB688 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 164 page
background image
Look-up Table Registers - TBLP, TBHP, TBLH
These three special function registers are used to control operation of the look-up table which is stored
in the Program Memory. TBLP and TBHP registers are the lower order byte and high order byte table
pointers and indicates the location where the table data is located. Their value must be setup before any
table read commands are executed. Their value can be changed, for example using the ²INC² or
²DEC² instructions, allowing for easy table data pointing and reading. TBLH is the location where the
high order byte of the table data is stored after a table read data instruction has been executed. Note that
the lower order table data byte is transferred to a user defined location.
Status Register - STATUS
This 8-bit register contains the zero flag (Z), carry flag (C), auxiliary carry flag (AC), overflow flag
(OV), power down flag (PDF), and watchdog time-out flag (TO). These arithmetic/logical operation
and system management flags are used to record the status and operation of the microcontroller.
With the exception of the TO and PDF flags, bits in the status register can be altered by instructions like
most other registers. Any data written into the status register will not change the TO or PDF flag. In
addition, operations related to the status register may give different results due to the different
instruction operations. The TO flag can be affected only by a system power-up, a WDT time-out or by
executing the ²CLR WDT² or ²HALT² instruction. The PDF flag is affected only by executing the
²HALT² or ²CLR WDT² instruction or during a system power-up.
The Z, OV, AC and C flags generally reflect the status of the latest operations.
In addition, on entering an interrupt sequence or executing a subroutine call, the status register will not
be pushed onto the stack automatically. If the contents of the status registers are important and if the
subroutine can corrupt the status register, precautions must be taken to correctly save it.
Bit
76543210
Name
¾¾
TO
PDF
OV
Z
AC
C
R/W
¾¾
R
R
R/W
R/W
R/W
R/W
POR
¾¾
0
0
xxxx
²x² unknown
Bit 7, 6
Unimplemented, read as
²0²
Bit 5
TO: Watchdog Time-Out flag
0: After power up or executing the
²CLR WDT² or ²HALT² instruction
1: A watchdog time-out occurred.
Bit 4
PDF: Power down flag
0: After power up or executing the
²CLR WDT² instruction
1: By executing the
²HALT² instruction
Bit 3
OV: Overflow flag
0: no overflow
1: an operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit or vice versa.
Bit 2
Z: Zero flag
0: The result of an arithmetic or logical operation is not zero
1: The result of an arithmetic or logical operation is zero
Bit 1
AC: Auxiliary flag
0: no auxiliary carry
1: an operation results in a carry out of the low nibbles in addition, or no borrow from the
high nibble into the low nibble in subtraction
Bit 0
C: Carry flag
0: no carry-out
1: an operation results in a carry during an addition operation or if a borrow does not take place
during a subtraction operation
C is also affected by a rotate through carry instruction.
Rev. 1.00
32
December 2, 2011
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com