Electronic Components Datasheet Search
  English  ▼

X  

HT56RB688 Datasheet(PDF) 87 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 87 Page - Holtek Semiconductor Inc

Back Button HT56RB688 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 90Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 91Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 164 page
background image
Buzzer
Operating in a similar way to the Programmable Frequency Divider, the Buzzer function provides a
means of producing a variable frequency output, suitable for applications such as Piezo-buzzer driving
or other external circuits that require a precise frequency generator. The BZ and BZ pins form a
complementary pair, and are pin-shared with I/O pins, PA0 and PA1. A configuration option is used to
select from one of three buzzer options. The first option is for both pins PA0 and PA1 to be used as
normal I/Os, the second option is for both pins to be configured as BZ and BZ buzzer pins, the third
option selects only the PA0 pin to be used as a BZ buzzer pin with the PA1 pin retaining its normal I/O
pin function. Note that the BZ pin is the inverse of the BZ pin which together generate a differential
output which can supply more power to connected interfaces such as buzzers.
The buzzer is driven by the internal clock source, which then passes through a divider, the division
ratio of which is selected by configuration options to provide a range of buzzer frequencies from fS/2
2
to fS/2
9. The clock source that generates f
S, which in turn controls the buzzer frequency, can originate
from three different sources, the external 32.768kHz oscillator (LXT), the internal 32kHz RC
oscillator (LIRC) or the System oscillator divided by 4 (fSYS/4), the choice of which is determined by
the fS clock source configuration option. Note that the buzzer frequency is controlled by configuration
options, which select both the source clock for the internal clock fS and the internal division ratio.
There are no internal registers associated with the buzzer frequency.
If the configuration options have selected both pins PA0 and PA1 to function as a BZ and BZ
complementary pair of buzzer outputs, then for correct buzzer operation it is essential that both pins
must be setup as outputs by setting bits PAC0 and PAC1 of the PAC port control register to zero. The
PA0 data bit in the PA data register must also be set high to enable the buzzer outputs, if set low, both
pins PA0 and PA1 will remain low. In this way the single bit PA0 of the PA register can be used as an
on/off control for both the BZ and BZ buzzer pin outputs. Note that the PA1 data bit in the PA register
has no control over the BZ buzzer pin PA1.
PA0/PA1 Pin Function Control
PAC Register
PAC0
PAC Register
PAC1
PA Data Register
PA0
PA Data Register
PA1
Output
Function
001
x
PA0=BZ
PA1=BZ
000
x
PA0=
²0²
PA1=
²0²
011
x
PA0=BZ
PA1=input line
010
x
PA0=
²0²
PA1=input line
10
x
D
PA0=input line
PA1=D
11
x
x
PA0=input line
PA0=input line
²x
² stands for don¢t care
²D² stands for Data ²0² or ²1²
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.00
87
December 2, 2011
f S S o u r c e
C o n f i g u r a t i o n
O p t i o n
f S Y S / 4
f L X T
f L I R C
C o n f i g u r a t i o n O p t i o n
D i v i d e b y 2 2 ~ 2 9
f S
B Z
B Z
Buzzer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com