Electronic Components Datasheet Search
  English  ▼

X  

HT56RB688 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT56RB688 Datasheet HTML 19Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 20Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 21Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 22Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 23Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 24Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 25Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 26Page - Holtek Semiconductor Inc HT56RB688 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 164 page
background image
The lower byte of the Program Counter, known as the Program Counter Low register or PCL, is
available for program control and is a readable and writable register. By transferring data directly into
this register, a short program jump can be executed directly, however, as only this low byte is available
for manipulation, the jumps are limited to the present page of memory, that is 256 locations. When such
program jumps are executed it should also be noted that a dummy cycle will be inserted.
The lower byte of the Program Counter is fully accessible under program control. Manipulating the
PCL might cause program branching, so an extra cycle is needed to pre-fetch. Further information on
the PCL register can be found in the Special Function Register section.
Stack
This is a special part of the memory which is used to save the contents of the Program Counter only.
The stack is neither part of the data nor part of the program space, and is neither readable nor writeable.
The activated level is indexed by the Stack Pointer, SP, and is neither readable nor writeable. At a
subroutine call or interrupt acknowledge signal, the contents of the Program Counter are pushed onto
the stack. At the end of a subroutine or an interrupt routine, signaled by a return instruction, RET or
RETI, the Program Counter is restored to its previous value from the stack. After a device reset, the
Stack Pointer will point to the top of the stack.
If the stack is full and an enabled interrupt takes place, the interrupt request flag will be recorded but
the acknowledge signal will be inhibited. When the Stack Pointer is decremented, by RET or RETI, the
interrupt will be serviced. This feature prevents stack overflow allowing the programmer to use the
structure more easily. However, when the stack is full, a CALL subroutine instruction can still be
executed which will result in a stack overflow. Precautions should be taken to avoid such cases which
might cause unpredictable program branching.
Arithmetic and Logic Unit - ALU
The arithmetic-logic unit or ALU is a critical area of the microcontrollers that carries out arithmetic
and logic operations of the instruction set. Connected to the main microcontrollers data bus, the ALU
receives related instruction codes and performs the required arithmetic or logical operations after
which the result will be placed in the specified register. As these ALU calculation or operations may
result in carry, borrow or other status changes, the status register will be correspondingly updated to
reflect these changes. The ALU supports the following functions:
· Arithmetic operations: ADD, ADDM, ADC, ADCM, SUB, SUBM, SBC, SBCM, DAA
· Logic operations: AND, OR, XOR, ANDM, ORM, XORM, CPL, CPLA
· Rotation RRA, RR, RRCA, RRC, RLA, RL, RLCA, RLC
· Increment and Decrement INCA, INC, DECA, DEC
· Branch decision, JMP, SZ, SZA, SNZ, SIZ, SDZ, SIZA, SDZA, CALL, RET, RETI
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.00
23
December 2, 2011
P r o g r a m C o u n t e r
S t a c k L e v e l 1
S t a c k L e v e l 2
S t a c k L e v e l 3
S t a c k L e v e l 1 2
P r o g r a m
M e m o r y
T o p o f S t a c k
S t a c k
P o i n t e r
B o t t o m o f S t a c k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com