Electronic Components Datasheet Search
  English  ▼

X  

HT67F60 Datasheet(PDF) 134 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 134 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 130Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 131Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 132Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 133Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 134Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 135Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 136Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 137Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 138Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 242 page
background image
Rev. 1.50
134
March 06 , 2012
Rev. 1.50
135
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Capture Input Mode
00: Input capture at rising edge of TP1A
01: Input capture at falling edge of TP1A
10: Input capture at falling/rising edge of TP1A
11: Input capture disabled
Timer/counter Mode
Unused
These two bits are used to determine how the TM output pin changes state when a
certain condition is reached. The function that these bits select depends upon in which
mode the TM is running.
In the Compare Match Output Mode, the T1AIO1 and T1AIO0 bits determine how the
TM output pin changes state when a compare match occurs from the Comparator A.
The TM output pin can be setup to switch high, switch low or to toggle its present
state when a compare match occurs from the Comparator A. When the bits are both
zero, then no change will take place on the output. The initial value of the TM output
pin should be setup using the T1AOC bit in the TM1C1 register. Note that the output
level requested by the T1AIO1 and T1AIO0 bits must be different from the initial
value setup using the T1AOC bit otherwise no change will occur on the TM output pin
when a compare match occurs. After the TM output pin changes state it can be reset to
its initial level by changing the level of the T1ON bit from low to high.
In the PWM Mode, the T1AIO1 and T1AIO0 bits determine how the TM output pin
changes state when a certain compare match condition occurs. The PWM output
function is modified by changing these two bits. It is necessary to change the values of
the T1AIO1 and T1AIO0 bits only after the TM has been switched off. Unpredictable
PWM outputs will occur if the T1AIO1 and T1AIO0 bits are changed when the TM is
running.
Bit 3
T1AOC: TP1A Output control bit
Compare Match Output Mode
0: Initial low
1: Initial high
PWM Mode/ Single Pulse Output Mode
0: Active low
1: Active high
This is the output control bit for the TM output pin. Its operation depends upon
whether TM is being used in the Compare Match Output Mode or in the PWM Mode/
Single Pulse Output Mode. It has no effect if the TM is in the Timer/Counter Mode. In
the Compare Match Output Mode it determines the logic level of the TM output pin
before a compare match occurs. In the PWM Mode it determines if the PWM signal is
active high or active low.
Bit 2
T1APOL: TP1A Output polarity Control
0: Non-invert
1: Invert
This bit controls the polarity of the TP1A output pin. When the bit is set high the TM
output pin will be inverted and not inverted when the bit is zero. It has no effect if the
TM is in the Timer/Counter Mode.
Bit 1
T1CDN: TM1 Counter count up or down flag
0: Count up
1: Count down
Bit 0
T1CCLR: Select TM1 Counter clear condition
0: TM1 Comparator P match
1: TM1 Comparator A match
This bit is used to select the method which clears the counter. Remember that the
Enhanced TM contains three comparators, Comparator A, Comparator B and
Comparator P, but only Comparator A or Comparator P can be selected to clear the
internal counter. With the T1CCLR bit set high, the counter will be cleared when a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com