Electronic Components Datasheet Search
  English  ▼

X  

HT67F60 Datasheet(PDF) 130 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 130 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 126Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 127Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 128Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 129Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 130Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 131Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 132Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 133Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 134Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 242 page
background image
Rev. 1.50
130
March 06 , 2012
Rev. 1.50
131
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
As the TPn_0 or TPn_1 pin is pin shared with other functions, care must be taken if the TM is in the Input
Capture Mode. This is because if the pin is setup as an output, then any transitions on this pin may cause
an input capture operation to be executed. The TnCCLR and TnDPX bits are not used in this Mode.
Counter Value
YY
CCRP
TnON
TnPAU
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
CCRA
Value
Time
Counter cleared
by CCRP
Pause
Resume
Counter
Reset
TnM [1:0] = 01
TM capture
pin TPn_x
XX
Counter
Stop
TnIO [1:0]
Value
XX
YY
XX
YY
Active
edge
Active
edge
Active edge
00 – Rising edge
01 – Falling edge 10 – Both edges
11 – Disable Capture
Capture Input Mode
Note: 1. TnM [1:0] = 01 and active edge set by the TnIO [1:0] bits
2. A TM Capture input pin active edge transfers the counter value to CCRA
3. TnCCLR bit not used
4. No output function – TnOC and TnPOL bits are not used
5. CCRP determines the counter value and the counter has a maximum count value
when CCRP is equal to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com