Electronic Components Datasheet Search
  English  ▼

X  

HT67F60 Datasheet(PDF) 223 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 223 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 219Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 220Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 221Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 222Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 223Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 224Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 225Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 226Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 227Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
222
March 06 , 2012
Rev. 1.50
223
March 06 , 2012
Application Circuits
PB 3/ OS C3
PB 4/ OS C4
OS C3
Ci rc ui t
V DD
PB 0/ RE S
VD D
VS S
0. 1 m F
4 AIAJ
+E H? KE J
0. 1 m F
100k W
CO M0 ~C OM 2
CO M3 /S EG 32
SE G0 ~ SEG 31
VL CD
C1
C2
V1
V2
PA 0/ AN 0/ C0 OU T/ TP 0_ 0
PA 1/ AN 1/ TP 1A
PA 2/ TM R0 /A N2 /C 0V IN +
PA3 /IN T0 B/ AN 3/ C0 VI N-
PA4 /IN T1 B/ TM R1 /A N4
PA 5/ AN 5/ C1 OU T/ SD O
PA 6/ AN 6/ SD /S DA
PA 7/ AN 7/ SC K/ SC L
PC 0/ TP 1B _ 0
PC 1/ TP 1B _ 1
PC 2/ TM R2 /C 1V IN +/ PC K
PC 3/ TP 2_0/ C1 VI N- /P IN TB
PC 4/ TP /T P2 _ 1
PC 5/ TP 0_1/ TP 1B _ 2
PC 6- PC 7
PB 1/ OS C1
PB 2/ OS C2
OS C1
Ci rc ui t
LC D
P anel
Note: "*": It is recommended that this component is added for added ESD protection.
"**": It is recommended that this component is added in environments where power line noise is
significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com