| Electronic Components Datasheet Search |
|
HT67F60 Datasheet(PDF) 228 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F60 Datasheet(HTML) 228 Page - Holtek Semiconductor Inc |
|
228 / 242 page ![]() Rev. 1.50 228 March 06 , 2012 Rev. 1.50 229 March 06 , 2012 HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO Instruction Definition Add Data Memory to ACC with Carry The contents of the specified Data Memory, Accumulator and the carry flag are added. The result is stored in the Accumulator. ACC ← ACC + [m] + C OV, Z, AC, C Add ACC to Data Memory with Carry The contents of the specified Data Memory, Accumulator and the carry flag are added. The result is stored in the specified Data Memory. [m] ← ACC + [m] + C OV, Z, AC, C Add Data Memory to ACC The contents of the specified Data Memory and the Accumulator are added. The result is stored in the Accumulator. ACC ← ACC + [m] OV, Z, AC, C Add immediate data to ACC The contents of the Accumulator and the specified immediate data are added. The result is stored in the Accumulator. AC ← ACC + x OV, Z, AC, C Add ACC to Data Memory The contents of the specified Data Memory and the Accumulator are added. The result is stored in the specified Data Memory. [m] ← ACC + [m] OV, Z, AC, C Logical AND Data Memory to ACC Data in the Accumulator and the specified Data Memory perform a bitwise logical AND operation. The result is stored in the Accumulator. ACC ← ACC "AND" [m] Z Logical AND immediate data to ACC Data in the Accumulator and the specified immediate data perform a bitwise logical AND operation. The result is stored in the Accumulator. ACC ← ACC "AND"x Z Logical AND ACC to Data Memory Data in the specified Data Memory and the Accumulator perform a bitwise logical AND operation. The result is stored in the Data Memory. [m] ← ACC "AND" [m] Z ADC A,[m] Description Operation Affected flag(s) ADCM A,[m] Description Operation Affected flag(s) ADD A,[m] Description Operation Affected flag(s) ADD A,x Description Operation Affected flag(s) ADDM A,[m] Description Operation Affected flag(s) AND A,[m] Description Operation Affected flag(s) AND A,x Description Operation Affected flag(s) ANDM A,[m] Description Operation Affected flag(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |