Electronic Components Datasheet Search
  English  ▼

X  

HT83B60 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT83B60
Description  Voice Mask MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83B60 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT83B60 Datasheet HTML 63Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 64Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 65Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 66Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 67Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 68Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 69Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 70Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
Rev. 1.00
66
De�e��e� 1�� �011
Rev. 1.00
67
De�e��e� 1�� �011
HT83B60
Voice Mask MCU
HT83B60
Voice Mask MCU
Application Circuits
VDD1
VDD1
VDD�
VDD
VDD1
VDD
VDD�
VDD
VDD
V33
V33
SP+
SP-
PWM1
PWM2
PB2
AUD_IN
SP-
VREF
VOL
PB2
SP+
PA2
PA6
PA7
PA4
VDD�
VSS1
VSS1
VSS1
PA4
PA6
AUD
PA7
PB2
PA3
PA5
VSS1
VSS1
PWM2
VSS1
PA0
AUD
PA3
VDD
PA1
PA2
VDD1
PWM1
RESB
PA5
PA1
PA0
VSS
VSS
D1
Power LED
C11
0.01u
VR1
50K
�
U2
HT8�V73�
1
�
3
4
8
7
6
5
OUTN
AUDIN
V�ef
VSS
VDD
OUTP
NC
CEB
C10
0.1uF
C�
10uF
C8
100uF
SW1
�
1
3
5
4
6
R8
330
D4
PLAY
LED
R11
10
C1�
10u
C��
0.1u
R5
100K
JA1
Mini USB CON
1
�
3
4
5
VDD
USB-
USB+
VSS
VSS
SW�4
POWER SWITCH
�
1
3
+ C1
100u
LS1
SPEAKER
C�
0.1u
BT1
BATTERY
D�
1N5817
R1�
0
R�
330
S3
1
�
S1
1
�
S�
1
�
S4
1
�
S6
1
�
S7
1
�
C�0
10u
S8
1
�
C3
0.1u
SW�
S5
1
�
C�3
0.1u
C�5
0.1u
C1�
0.1u
U3
HT7�33
�
3
VIN
VOUT
U1
HT83B60
1
�4
�
�3
3
��
4
�1
5
�0
6
1�
7
18
8
17
�
16
10
15
11
14
1�
13
�5
�6
�7
�8
PA1
PA6
PA0
PA7
PB0
VSS
PB1
VDD
PB2
VDD_PBIO
PB4/SDOA
PC0/RES
PB5/SCLKA
VSSP
PB6/SDIA
PWM2
PB7/SCSA
PWM1
PC1/OSC1
VDDP
PC2/OSC2
VDDA
VSSA
AUD
PA5
PA4
PA3
PA2
8-SOP (150 mil)
ON
OFF
KEY5
KEY2
KEY3
KEY7
KEY4
KEY6
KEY1
KEY8
RESET
Power Circuit
Power Amplifier
LED & KEY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com