Electronic Components Datasheet Search
  English  ▼

X  

HT83B60 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT83B60
Description  Voice Mask MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83B60 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT83B60 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
Rev. 1.00
8
De�e��e� 1�� �011
Rev. 1.00
�
De�e��e� 1�� �011
HT83B60
Voice Mask MCU
HT83B60
Voice Mask MCU
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD�
Operating Current
(ERC OSC, fSYS=fH)
3V No load, fH=6MHz,
WDT ena�le
—
0.�
�.0
�A
5V
—
�.�
4.0
�A
3V No load, fH=8MHz,
WDT ena�le
—
1.1
�.5
�A
5V
—
�.�
6.5
�A
3V No load, fH=12MHz,
WDT ena�le
—
1.5
3.5
�A
5V
—
4.1
8.0
�A
IDD3
Operating Current
(HIRC OSC, fSYS=fH)
3V No load, fH=4MHz,
WDT ena�le
—
0.7
�.0
�A
5V
—
1.6
3.5
�A
3V No load, fH=8MHz,
WDT ena�le
—
1.�
�.5
�A
5V
—
3.�
7.0
�A
3V No load, fH=12MHz,
WDT ena�le
—
1.8
4.0
�A
5V
—
4.3
8.5
�A
ISTB1
Standby Current (Idle)
(Crystal, ERC, HIRC OSC)
3V No load, system HALT,
WDT ena�le� fSYS=12MHz
—
1.�
5.5
μA
5V
—
4.5
11.0
μA
ISTB2
Standby Current (Idle)
(Crystal, ERC, HIRC OSC)
3V No load, system HALT,
WDT disable, fSYS=12MHz
—
0.�
1.0
μA
5V
—
0.6
�.0
μA
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
5.5
10
—
�A
5V
�.5
�0
—
�A
IOH1
I/O Port Source Current
3V
VOH=0.�VDD
-2.5
-5
—
�A
5V
-10
-15
—
�A
IOL2
PWM1/PWM2 Sink Current
3V
VOL=0.1VDD
60
85
—
�A
5V
135
1�5
—
�A
IOH2
PWM1/PWM2 Source
Cu��ent
3V
VOH=0.�VDD
-38
-55
—
�A
5V
-80
-115
—
�A
VIL1
Input Low Voltage for I/O
Ports
—
—
0
—
0.3VDD
V
VIH1
Input High Voltage for I/O
Ports
—
—
0.7VDD
—
VDD
V
VIL2
Input Low Voltage(RES)
—
—
0
—
0.4VDD
V
VIH�
Input High Voltage(RES)
—
—
0.�VDD
—
VDD
V
RPH
Pull-high Resistance
3V
—
30
100
170
kW
5V
10
35
60
kW
IAUD
AUD current source
3V VOH=0.�VDD
—
-4.5
—
�A
5V VOH=0.�VDD
—
-10
—
�A
VLVR
Low Voltage Reset Voltage
—
LVR 2.2V option
�.0�0
�.�
�.310
V
VLVD
Low Voltage Reset Voltage
—
LVD 2.7V option
�.565
�.7
�.835
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com