Electronic Components Datasheet Search
  English  ▼

X  

HT83B60 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT83B60
Description  Voice Mask MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83B60 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT83B60 Datasheet HTML 34Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 35Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 36Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 37Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 38Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 39Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 40Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 41Page - Holtek Semiconductor Inc HT83B60 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
Rev. 1.00
38
De�e��e� 1�� �011
Rev. 1.00
3�
De�e��e� 1�� �011
HT83B60
Voice Mask MCU
HT83B60
Voice Mask MCU
SC K (C KP OL B= 1)
SC K (C KP OL B= 0)
SD O
SC S
SD I Da ta C apt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3 D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S IM D
(S DO c hanges a s s oon as w ri ti ng o ccu rs ; S DO i s fl oa ti ng if S CS =1 )
No te :F or S PI s la ve m ode, i f SI M EN =1 a nd CS EN =0 , SP I is a lw a ys enabl ed
and ig nor es t he SC S le ve l.
SPI Slave Mode Timing - CKEG=1
SI MC 0 A/ B Re gi st er
No t im pl em ent ed, r ead as " 0"
SP I On /O f f c ont ro l
1: enabl e
0: d is abl e
No t im pl em en te d
SP I Ma st er /S la ve and Cl o ck C ont ro l
SI M2 A /B
S IM 1 A/ B
SI M0 A /B
b0
SI ME N A/ B
ma st er , f SY S /4
ma st er , f SY S /1 6
ma st er , f SY S /6 4
ma st er , f SY S
re se rv ed
sl av e
re se rv ed
re se rv ed
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
b7
SI M1 A /B
SI M0 A /B
SI M2 A /B
0
1
0
1
0
1
0
1
SPI Control Register - SIMC0A/B
SI MC 2 A/ B Re gi st er
b7
Tr ans mi t/R ec ei ve c om pl et e fl ag
1: dat a tr ans fe r co mp le te
0: dat a tr ans fe r in co mp le te
Wr it e co llis io n fl ag
1: dat a co l lis io n
0: no co llis io n
SC S A/ B pi n enab le
1: enabl e
0: d is abl e , S CS A /B fl oat in g
D at a sh i ft o r der
1: M SB f ir st
0: L SB fi rs t
SP I cl oc k edge se le ct io n
1: f al li ng edge
0: r is i ng edg e
SP I cl oc k pol ar it y se le ct io n
1: l ow l ev el
0: h i gh le ve l
No t im pl em ent ed, r ead as " 0"
b0
WC OL A /B
TR F A/ B
CS EN A /B
ML S A/ B
CK EG A /B
CK PO L A/ B
SPI Control Register - SIMC2A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com