Electronic Components Datasheet Search
  English  ▼

X  

HT7718S Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7718S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7718S Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7718S Datasheet HTML 3Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 4Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 5Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 6Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 7Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 8Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 9Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 10Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Rev. 1.00
7
February 22, 2012
HT77xxS
Typical Performance Characteristics
(L use wire wound chip power inductor)
HT7750S
2
2.8
3.6
4.4
5.2
6
0
50
100
150
200
250
300
Output Current (mA)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=1.2V
Fig 1. HT7750S Output Voltage vs. Output Current
0%
20%
40%
60%
80%
100%
0
50
100
150
200
250
300
Output Current (mA)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=1.2V
Fig 2. HT7750S Efficiency vs. Output Current
0
0.3
0.6
0.9
1.2
0
5
10
15
20
Output Current (mA)
Start-up
Hold-on
Fig 3. HT7750S Start-up & Hold-on Voltage
0
50
100
150
200
250
0
50
100
150
200
250
300
Output Current (mA)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=1.2V
Fig 4. HT7750S Ripple Voltage vs. Output Current
Fig 5. HT7750S Load Transient Response
(L= 10μH, CIN= COUT= 10μF, VIN= 3.0V)
Fig 6. HT7750S Line Transient Response
(L= 10μH, CIN= COUT= 10μF, VIN= 3.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com