Electronic Components Datasheet Search
  English  ▼

X  

HT7718S Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT7718S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7718S Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT7718S Datasheet HTML 20Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 21Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 22Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 23Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 24Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 25Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 26Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 27Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Rev. 1.00
24
February 22, 2012
HT77xxS
Product Tape and Reel Specifications
Reel Dimensions
)
+
*
6
6
,
SOT23-3, SOT23-5
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
178.0±1.0
B
Reel Inner Diameter
62.0±1.0
C
Spindle Hole Diameter
13.0±0.2
D
Key Slit Width
2.50±0.25
T1
Space Between Flange
8.4 +1.5/-0.0
T2
Reel Thickness
11.4 +1.5/-0.0
SOT89-3
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
178.0±1.0
B
Reel Inner Diameter
62.0±1.0
C
Spindle Hole Diameter
13.0±0.2
D
Key Slit Width
2.50±0.25
T1
Space Between Flange
8.4 +1.5/-0.0
T2
Reel Thickness
11.4 +1.5/-0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com