Electronic Components Datasheet Search
  English  ▼

X  

HT7718S Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT7718S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7718S Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT7718S Datasheet HTML 21Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 22Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 23Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 24Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 25Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 26Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 27Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 28Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 29Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Rev. 1.00
28
February 22, 2012
HT77xxS
Carrier Tape Dimensions
F1 F2
P2
P0
D0
W2
W0
W
W1
P
H0
H
H1
t
, h
l1
TO92
Symbol
Description
Dimensions in mm
I1
Taped Lead Length
(2.5)
P
Component Pitch
12.7±1.0
P0
Perforation Pitch
12.7±0.3
P2
Component to Perforation (Length Direction)
6.35±0.40
F1
Lead Spread
2.5 +0.4/-0.0
F2
Lead Spread
2.5 +0.4/-0.0
Δh
Component Alignment
0.0±0.1
W
Carrier Tape Width
18.0 +1.0/-0.5
W0
Hold-down Tape Width
6.0±0.5
W1
Perforation Position
9.0±0.5
W2
Hold-down Tape Position
(0.5)
H0
Lead Clinch Height
16.0±0.5
H1
Component Height
Less than 24.7
D0
Perforation Diameter
4.0±0.2
t
Taped Lead Thickness
0.7±0.2
H
Component Base Height
19.0±0.5
Note:Thicknesslessthan0.38±0.05mm~0.5mm.
P0 Accumulated pitch tolerance: ±1mm/20pitches.
( ) Bracketed figures are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com