Electronic Components Datasheet Search
  English  ▼

X  

HT7718S Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT7718S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7718S Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT7718S Datasheet HTML 19Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 20Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 21Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 22Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 23Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 24Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 25Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 26Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Rev. 1.00
23
February 22, 2012
HT77xxS
3-pin TO92 Outline Dimensions
)
*
+
-
.
/
0
,
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.170
―
0.200
B
0.170
―
0.200
C
0.500
―
―
D
0.011
―
0.020
E
0.090
―
0.110
F
0.045
―
0.055
G
0.045
―
0.065
H
0.130
―
0.160
α
0°
―
10°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.32
―
5.08
B
4.32
―
5.08
C
12.70
―
―
D
0.28
―
0.51
E
2.29
―
2.79
F
1.14
―
1.40
G
1.14
―
1.65
H
3.30
―
4.06
α
0°
―
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com