Electronic Components Datasheet Search
  English  ▼

X  

PA2034 Datasheet(PDF) 5 Page - Protek Devices

Part # PA2034
Description  Single 4:1 Low RON Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2034 Datasheet(HTML) 5 Page - Protek Devices

  PA2034 Datasheet HTML 1Page - Protek Devices PA2034 Datasheet HTML 2Page - Protek Devices PA2034 Datasheet HTML 3Page - Protek Devices PA2034 Datasheet HTML 4Page - Protek Devices PA2034 Datasheet HTML 5Page - Protek Devices PA2034 Datasheet HTML 6Page - Protek Devices PA2034 Datasheet HTML 7Page - Protek Devices PA2034 Datasheet HTML 8Page - Protek Devices PA2034 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414--5141
www.protekanalog.com
64
PA2034
Single 4:1 Low RON Multiplexer
95050 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
V+ = 5.5 V
IS(off)
ICOM(on)
ICOM(off)
Typical Characteristics: 25° C Unless Noted
rON vs. VCOM and Supply Voltage
rON vs. Analog Voltage and Temperature
12
5.0
4.5
10
4.0
V+ = 2.7 V
8
V+ = 1.8 V
6
V+ = 2.7 V
V+ = 3.3 V
4
2
V+ = 5.5 V
3.0
2.5
2.0
1.5
0.5
B = 25 °C
C = –40°C
B
V+ = 4.5 V
C
B
A
0
0
1
2
3
4
5
6
VCOM – Analog Voltage (V)
0.0
0.0 0.5 1.0 1.5
2.0 2.5 3.0 3.5 4.0 4.5 5.0
VCOM – Analog Voltage (V)
10000
10 m
V+ = 5.5 V
1m
V+ = 5.5 V
100
10
1000
1
100 n
10 n
100
–75
–50
–25
0
25
50
75
100
125
Temperature (° C)
1n
10
100
1 K
10 K
100 K
1 M
10 M
Input Switching Frequency (Hz)
10000
1000
Leakage Current vs. Temperature
V+ = 5.5 V
VCOM = 4.5 V
VS = 1.0 V
400
200
0
–200
Leakage vs. Analog Voltage
100
IS( off )
–400
–600
10
ICOM( on )
ICOM( off )
1
–800
–1000
–1200
–1400
–75
–50
–25
0
25
50
75
100
125
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Temperature (°C)
VS – Analog Voltage (V)
3.5
A
C
1.0
A = 85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com