Electronic Components Datasheet Search
  English  ▼

X  

PA2034 Datasheet(PDF) 9 Page - Protek Devices

Part # PA2034
Description  Single 4:1 Low RON Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2034 Datasheet(HTML) 9 Page - Protek Devices

  PA2034 Datasheet HTML 1Page - Protek Devices PA2034 Datasheet HTML 2Page - Protek Devices PA2034 Datasheet HTML 3Page - Protek Devices PA2034 Datasheet HTML 4Page - Protek Devices PA2034 Datasheet HTML 5Page - Protek Devices PA2034 Datasheet HTML 6Page - Protek Devices PA2034 Datasheet HTML 7Page - Protek Devices PA2034 Datasheet HTML 8Page - Protek Devices PA2034 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414--5141
www.protekanalog.com
68
PA2034
Single 4:1 Low RON Multiplexer
95050 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Package Outline and Dimensions DFN-10
MILLIMETERS
Dim
MIN
TYP
MIN
P1
2.95
3.00
3.05
P2
2.95
3.00
3.05
P3
0.80
0.85
0.85
L1
0.23
0.25
0.27
L2
0.35
0.40
0.45
L3
0.02
0.02
0.02
p
0.50
0.50
0.50
G1
2.35
2.40
2.45
G2
1.65
1.75
1.75
Tape and Reel Specifications
Reel Dia
A0
B0
K0
D
E
F
W
P0
P2
P
t-max
178 (7”)
3.00±0.10
3.00±0.10
0.85±0.10
1.50±0.10
1.75±0.10
3.50±0.05
12.00±0.30
4.00±0.10
2.00±0.05
4.00±0.10
0.25
P0
P2
D
A0
B0
P
E
F
W
Pin 1
indicated
by Dot
K0
Top cover tape
t
10 Pitches Cumulative
Tolerance on Tape± 0.2
Recommended Land Pattern
2.74mm
1.85mm
2.60mm
0.50mm
0.60mm
0.30mm
P3
L3
SIDE VIEW
P1
P2
TOP VIEW
L2
L1
p
G2
BOTTOM VIEW
G1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com