Electronic Components Datasheet Search
  English  ▼

X  

PA2034 Datasheet(PDF) 6 Page - Protek Devices

Part # PA2034
Description  Single 4:1 Low RON Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2034 Datasheet(HTML) 6 Page - Protek Devices

  PA2034 Datasheet HTML 1Page - Protek Devices PA2034 Datasheet HTML 2Page - Protek Devices PA2034 Datasheet HTML 3Page - Protek Devices PA2034 Datasheet HTML 4Page - Protek Devices PA2034 Datasheet HTML 5Page - Protek Devices PA2034 Datasheet HTML 6Page - Protek Devices PA2034 Datasheet HTML 7Page - Protek Devices PA2034 Datasheet HTML 8Page - Protek Devices PA2034 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414--5141
www.protekanalog.com
65
PA2034
Single 4:1 Low RON Multiplexer
95050 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
V+ = 5.5 V
V+ = 3.3 V
V+ = 1.8 V
CL =1 nF
Typical Characteristics: 25°C unless noted
Switching Time vs. Temperature
30
25
Insertion Loss, Off -Isolation
Crosstalk vs. Frequency
20
Loss
0
20
tON V+ = 3.3 V
15
10
tOFF V+ = 5.5 V
5
tOFF V+ = 3.3 V
–60
–80
–100
OIRR
XTALK
V+ = 3.3 V
RL = 50Ω
0
–80 –60 –40 –20
0
20
40
60
80 100 120 140
–120
10 k
100 k
1 M
10 M
100 M
1 G
Temperature (°C)
Frequency (Hz)
2.2
Switching Threshold vs. Supply Voltage
Charge Injection vs. Analog Voltage
3
2
1.8
1
0
1.4
–1
1.0
0.6
0.2
–2
–3
–4
–5
–6
1
2
3
4
5
6
0
1
2
3
4
5
6
V+ – Supply Voltage (V)
VCOM – Analog Voltage (V)
Transistion Time vs. Temperature
35
RL = 300Ω
30
tTRANS–, V+ = 3.0 V
25
tTRANS+, V+ = 3.3 V
tTRANS–, V+ = 5.5 V
20
15
tTRANS+, V+ = 5.5 V
10
–80 –60 –40 –20
0
20
40
60
80 100 120 140
Temperature (°C)
-40
-20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com