Electronic Components Datasheet Search
  English  ▼

X  

PA2034 Datasheet(PDF) 4 Page - Protek Devices

Part # PA2034
Description  Single 4:1 Low RON Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2034 Datasheet(HTML) 4 Page - Protek Devices

  PA2034 Datasheet HTML 1Page - Protek Devices PA2034 Datasheet HTML 2Page - Protek Devices PA2034 Datasheet HTML 3Page - Protek Devices PA2034 Datasheet HTML 4Page - Protek Devices PA2034 Datasheet HTML 5Page - Protek Devices PA2034 Datasheet HTML 6Page - Protek Devices PA2034 Datasheet HTML 7Page - Protek Devices PA2034 Datasheet HTML 8Page - Protek Devices PA2034 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414--5141
www.protekanalog.com
63
PA2034
Single 4:1 Low RON Multiplexer
95050 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Specifications (V+ = 5 Volts)
Parameter
Symbol
Test Conditions
Temp
Min
Typ
Max
Unit
Analog Switch
Analog Signal Range
VNO,VNC,
VCOM
Full
0.0
VCC
V
On-Resistance
RON
Room
Full
2.0
5
7
RON Matching
∆RON
0.1
0.3
RON Flatness
RON(FLAT)
VCC = 2.7V, VCOM = 0.9V- 1.5V
INO , INC = 10mA,
0.3
1.5
Ω
IOFF(NO) or
IOFF(NC)
Room
Full
-1
-10
-1
-10
Switch Off Leakage
Current
ICOM(OFF)
V+ = 3.3 V,
VNO, VNC= 1.0 V/3.0 V, VCOM = 3.0 V/1.0 V
Room
Full
-1
-10
-1
-10
Channel On
Leakage Current
ICOM(ON)
V+ = 3.3 V, VNO, VNC = VCOM = 1.0V/3.0 V
Room
Full
-1
-10
-1
-10
nA
Digital Control
Input High Voltage
VINH
Full
2.0
Input Low Voltage
VINL
Full
0.4
VnA
Input Capacitance
Cin
Full
4
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
-1
1
µA
Dynamic Characteristics
Turn On Time
tON
Room
Full
20
30
45
Turn Off Time
tOFF
Room
Full
13
15
20
Break Before Make
Time
tBBM
VNO or VNC = 2.0 V, RL = 300 Ω, CL = 35 pF
Room
Full
10.5
nS
Charge Injection
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0
Ω
Room
-4.7
pC
f = 1 MHz
Room
-109.3
Off Isolation
OIRR
f = 10 MHz
Room
-67.3
f = 1 MHz
Room
-77
Crosstalk
XTALK
RL = 50
Ω, CL = 5 pF,
f = 10 MHz
Room
-67.3
dB
NO, NC OFF
Capacitance
CNO(off)
CNC(off)
Room
14
Chanel On
Capacitance
CON
VIN = 0 or V+, f = 1 MHz
Room
42
67
77
pF
Power Supply
Positive Supply
Range
V+
2.7
3.3
V
Negative Supply
Current
I+
VIN = 0 or V+
0.01
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com