Electronic Components Datasheet Search
  English  ▼

X  

PA2222 Datasheet(PDF) 5 Page - Protek Devices

Part # PA2222
Description  LoPro??Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2222 Datasheet(HTML) 5 Page - Protek Devices

  PA2222 Datasheet HTML 1Page - Protek Devices PA2222 Datasheet HTML 2Page - Protek Devices PA2222 Datasheet HTML 3Page - Protek Devices PA2222 Datasheet HTML 4Page - Protek Devices PA2222 Datasheet HTML 5Page - Protek Devices PA2222 Datasheet HTML 6Page - Protek Devices PA2222 Datasheet HTML 7Page - Protek Devices PA2222 Datasheet HTML 8Page - Protek Devices PA2222 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
5
PA2222 PA2222T
LoPro
™ Dual SPDT Analog Switch
95005 Rev2.03/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Test Circuits and Timing Diagrams
CL includes fixture and stray capacitance
Figure 1. AC Test Circuit
Note1.
Unused Input (NO or NC) must be grounded
Logic Input Waveforms inverted for Switches that have opposite logic
Figure2 AC Waveforms
Figure 3. Break Before Make Interval Timing
VCC
VIN
VOUT
RL
CL
50Ω
35pF
Logic
Input
GND
IN
NC
or NO
COM
tON
tOFF
VIH
VIL
Off
Off
On
50%
90%
90%
Logic
Input
Switch
Output
tr < 5nS
tf < 5nS
VIN
VOUT
RL
CL
50Ω
35pF
Logic
Input
GND
IN
NO
COM
50%
Logic
Input
0V
VOUT
tBBM
0.9 x VOUT
NC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com