Electronic Components Datasheet Search
  English  ▼

X  

PA2222 Datasheet(PDF) 6 Page - Protek Devices

Part # PA2222
Description  LoPro??Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2222 Datasheet(HTML) 6 Page - Protek Devices

  PA2222 Datasheet HTML 1Page - Protek Devices PA2222 Datasheet HTML 2Page - Protek Devices PA2222 Datasheet HTML 3Page - Protek Devices PA2222 Datasheet HTML 4Page - Protek Devices PA2222 Datasheet HTML 5Page - Protek Devices PA2222 Datasheet HTML 6Page - Protek Devices PA2222 Datasheet HTML 7Page - Protek Devices PA2222 Datasheet HTML 8Page - Protek Devices PA2222 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
6
PA2222 PA2222T
LoPro
™ Dual SPDT Analog Switch
95005 Rev2.03/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Figure 4. Charge Injection Test
Figure 5. Off Isolation
Figure 6. Crosstalk
Figure 7. Channel Off Capacitance
Figure 8. Channel On Capacitance
VCC
Logic Input
0V or VIH
Analyzer
CL
5pF
RL
50Ω
GND
50Ω
Signal
Generator
10nF
IN
COM
NO / NC
VCC
Analyzer
CL
5pF
RL
50Ω
GND
50Ω
Signal
Generator
10nF
IN
COM
NO
NC
50Ω
VCC
Logic Input
0V or VIH
GND
10nF
IN
COM
NO / NC
Capacitance
Meter
f = 1MHz
VCC
Logic Input
0V or VIH
GND
10nF
IN
COM
NO / NC
Capacitance
Meter
f = 1MHz
VGEN
VOUT
CL
1nF
Logic
Input
GND
IN
NC
or NO
COM
RGEN
∆VOUT
Logic
Input
Off
On
Off
Q= (∆VOUT)(CL)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com