Electronic Components Datasheet Search
  English  ▼

X  

PA2222 Datasheet(PDF) 1 Page - Protek Devices

Part # PA2222
Description  LoPro??Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2222 Datasheet(HTML) 1 Page - Protek Devices

  PA2222 Datasheet HTML 1Page - Protek Devices PA2222 Datasheet HTML 2Page - Protek Devices PA2222 Datasheet HTML 3Page - Protek Devices PA2222 Datasheet HTML 4Page - Protek Devices PA2222 Datasheet HTML 5Page - Protek Devices PA2222 Datasheet HTML 6Page - Protek Devices PA2222 Datasheet HTML 7Page - Protek Devices PA2222 Datasheet HTML 8Page - Protek Devices PA2222 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
1
PA2222 PA2222T
LoPro
™ Dual SPDT Analog Switch
95005 Rev2.03/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Features
CMOS Technology for Bus and Analog Applications
Low On-Resistance: 0.6Ω.
Vcc Range: 1.8V to 4.2V
Rail-to-Rail Signal Range
High Off Isolation: -75dB @ 100kHz
Crosstalk Rejection: -90dB @ 100kHz
Break-Before-Make Switching
Extended Industrial Temperature Range: –40°C to 85°C
LoPro
© Packaging (Pb-free): 10-Lead Micro Package
Applications
Cell Phones
PDA’s
MP3 players
Portable Instrumentation
Computer Peripherals
Speaker Headset Switching
Power Routing
Relay Replacement
Audio and Video Signal Routing
PCMCIA Cards
Modems
Pin Descriptions
Pin No.
Name
Description
5,2
NOX
DATA Port (Normally Open)
3
GND
Ground
10,7
NCX
DATA Port (Normally Closed)
6,1
COMX
Common Port / DATA Port
9
VCC
Positive Power Supply
8,4
INX
Logic Control
Logic Function Table
Logic Input (INX)
Function
0
NCX Connected to COMX
1
NOX Connected to COMX
Ordering Information
Temperature
Range
Package
Part Number
-40 to 85 °C
10 Lead LoPro
PA2222-T7
-40 to 85 °C
10 Lead LoPro
PA2222T-T7
Description
ProTek Analog’s PA2222 is a dual high-bandwidth, fast
single-pole double throw (SPDT) CMOS switch. It can be
used as an analog switch or as a low-delay bus switch.
Specified over a operating power supply voltage, 1.8V to
4.2V, the PA2222 has an On-Resistance of 0.6Ω at +2.7V.
Break-before-make switching prevents both switches being
enabled simultaneously. This eliminates signal disruption
during switching.
The PA2222T includes termination resistors that improve
noise immunity during overshoot excursions and off isolations
or pop-up noise minimization
Functional Block Diagrams
Fig. 1 PA2222
Fig.2 PA2222T (with termination resistors)
Pin Configuration (Top View)
NC1
IN1
COM1
NO1
IN2
NO2
COM2
NC2
VDD
GND
10
1
2
3
4
5
6
7
8
9
NO2
IN1
NC2
IN2
COM2
COM1
NC1
NO1
NO2
IN1
NC2
IN2
COM2
COM1
NC1
NO1


Similar Part No. - PA2222

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2221NL PULSE-PA2221NL Datasheet
2Mb / 14P
High Frequency Wire Wound Transformers
PA2221NL PULSE-PA2221NL Datasheet
2Mb / 10P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
12/17
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
logo
Pulse A Technitrol Comp...
PA2226NL PULSE-PA2226NL Datasheet
462Kb / 4P
HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA2222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
PA2312 PROTEC-PA2312 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
Dual SPDT Analog Switch
10-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com