Electronic Components Datasheet Search
  English  ▼

X  

PA2222 Datasheet(PDF) 4 Page - Protek Devices

Part # PA2222
Description  LoPro??Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2222 Datasheet(HTML) 4 Page - Protek Devices

  PA2222 Datasheet HTML 1Page - Protek Devices PA2222 Datasheet HTML 2Page - Protek Devices PA2222 Datasheet HTML 3Page - Protek Devices PA2222 Datasheet HTML 4Page - Protek Devices PA2222 Datasheet HTML 5Page - Protek Devices PA2222 Datasheet HTML 6Page - Protek Devices PA2222 Datasheet HTML 7Page - Protek Devices PA2222 Datasheet HTML 8Page - Protek Devices PA2222 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
4
PA2222 PA2222T
LoPro
™ Dual SPDT Analog Switch
95005 Rev2.03/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Typical Characteristics
NO RDSON
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
V
COM (Volts )
2.7Volt
3.3Volt
NC RDSON
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
V
COM (Volts )
2.7Volt
3.3Volt
NO R
ON vs VCOM (Te m p)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
1.0
2.0
3.0
V
COM (Volts )
-40°C
+25°C
+85°C
NC R
ON vs VCOM (Te m p)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
1.0
2.0
3.0
V
COM (Volts )
+85°C
+25°C
-40°C
VDD vs IDD
0
100
200
300
400
500
600
700
800
900
1000
0.0
1.0
2.0
3.0
Supply Voltage V
DD (Volts )



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com