Electronic Components Datasheet Search
  English  ▼

X  

PA4684 Datasheet(PDF) 5 Page - Protek Devices

Part # PA4684
Description  Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4684 Datasheet(HTML) 5 Page - Protek Devices

  PA4684 Datasheet HTML 1Page - Protek Devices PA4684 Datasheet HTML 2Page - Protek Devices PA4684 Datasheet HTML 3Page - Protek Devices PA4684 Datasheet HTML 4Page - Protek Devices PA4684 Datasheet HTML 5Page - Protek Devices PA4684 Datasheet HTML 6Page - Protek Devices PA4684 Datasheet HTML 7Page - Protek Devices PA4684 Datasheet HTML 8Page - Protek Devices PA4684 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
56
95080 Rev2.08/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
PA4684
Dual SPDT Analog Switch
Test Circuits and Timing Diagrams
VCC
GND
IN
35pF
CL
RL
50Ω
VIN
COM
NC
or NO
VOUT
Logic
Input
CL includes fixture and stray capacitance
Figure 1. AC Test Circuit
Note1.
Unused Input (NO or NC) must be grounded
Logic Input Waveforms inverted for Switches that have opposite logic
Figure2 AC Waveforms
tr < 5nS
tf < 5nS
Off
Off
VIH
VIL
On
50%
tOFF
tON
90%
90%
Switch
Output
VOUT
RL
50Ω
CL
35pF
GND
IN
NO
COM
50%
Logic
Input
0V
NC
VOUT
0.9 x VOUT
tBBM
Logic
Input
VIN
Logic
Input
Figure 3. Break Before Make Interval Timing



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com