Electronic Components Datasheet Search
  English  ▼

X  

PA4684 Datasheet(PDF) 4 Page - Protek Devices

Part # PA4684
Description  Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4684 Datasheet(HTML) 4 Page - Protek Devices

  PA4684 Datasheet HTML 1Page - Protek Devices PA4684 Datasheet HTML 2Page - Protek Devices PA4684 Datasheet HTML 3Page - Protek Devices PA4684 Datasheet HTML 4Page - Protek Devices PA4684 Datasheet HTML 5Page - Protek Devices PA4684 Datasheet HTML 6Page - Protek Devices PA4684 Datasheet HTML 7Page - Protek Devices PA4684 Datasheet HTML 8Page - Protek Devices PA4684 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
55
95080 Rev2.08/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
PA4684
Dual SPDT Analog Switch
Switch and AC Characteristics
(Vcc = 2.7V to 3.3V, Ta = -40 C to +85 C, unless otherwise noted. Typical values are at 3V and +25°C
54
pC
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
VCC = 2.7V, VNO or VNC = 1.5V,
Turn-On Time
tON
RL = 50Ω, CL = 35pF,
25
60
See Test Circuit Figure 1 & 2.
VCC = 2.7V, VNO or VNC = 1.5V,
RL = 50Ω, CL = 35pF,
Turn-Off Time
tOFF
7
20
ns
See Test Circuit Figure 1 & 2.
VCC = 2.7V, VNO or VNC = 1.5V,
RL = 50Ω, CL = 35pF,
Break-Before-Make
25
Delay
tBBM
See Test Circuit Figure 3.
Charge Injection
Q
COM = 0, RS = 0, CL = 1nF,
See Test Circuit Figure 4.
CL = 5pF, RL = 50Ω, f = 100kHz,
VCOM = 1 VRMS, ,
Off-Isolation
OIRR
-42
See Test Circuit Figure 5.
dB
CL = 5pF, RL = 50Ω, f = 100kHz,
VCOM = 1 VRMS,
-70
Crosstalk
XTALK
See Test Circuit Figure 6.
3dB Bandwidth
f3dB
See Test Circuit Figure 9.
27
MHz
RL = 32Ω, VIN = 3.5V, VCC = 4.5V
f = 20Hz to 20kHz
0.07
Total Harmonic
RL = 32Ω, VIN = 2.0V, VCC = 3.4V
Distortion
THD
f = 20Hz to 20kHz
0.06
%
RL = 32Ω, VIN = 1.5V, VCC = 2.7V
f = 20Hz to 20kHz
0.05
Capacitance
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
NC Off Capacitance
CNC (OFF)
f = 1MHz, See Test Circuit Figure 7.
84
NO Off Capacitance
CNO (OFF)
f = 1MHz, See Test Circuit Figure 7.
65
NC On Capacitance
CNC (ON)
f = 1MHz, See Test Circuit Figure 8.
240
NO On Capacitance
CNO (ON)
f = 1MHz, See Test Circuit Figure 8.
225
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com