Electronic Components Datasheet Search
  English  ▼

X  

PA4684 Datasheet(PDF) 3 Page - Protek Devices

Part # PA4684
Description  Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4684 Datasheet(HTML) 3 Page - Protek Devices

  PA4684 Datasheet HTML 1Page - Protek Devices PA4684 Datasheet HTML 2Page - Protek Devices PA4684 Datasheet HTML 3Page - Protek Devices PA4684 Datasheet HTML 4Page - Protek Devices PA4684 Datasheet HTML 5Page - Protek Devices PA4684 Datasheet HTML 6Page - Protek Devices PA4684 Datasheet HTML 7Page - Protek Devices PA4684 Datasheet HTML 8Page - Protek Devices PA4684 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
54
95080 Rev2.08/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
PA4684
Dual SPDT Analog Switch
DC Electrical Characteristics +3V Supply
(VCC = 2.7V to 3.3V, TA = -40 C to + 85 C, unless otherwise noted. Typical values are at 3V and +25°C.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Analog Switch
Analog Signal Range
VNO , VNC
, VCOM
0
VCC
V
NC On-Resistance
RON(NC)
VCC = 2.7V, ICOM = 100mA,
VNC = 0 to VCC
0.5
0.6
NO On-Resistance
RON(NO)
VCC = 2.7V, ICOM = 100mA,
VNC = 0 to VCC
0.4
0.5
On-Resistance Match
Between Channels
∆RON
VCC = 2.7V, ICOM = 100mA,
VNO or VNC = 1.5V
0.01
0.06
NC On-Resistance
Flatness
RONF(NC)
VCC = 2.7V, ICOM = 100mA,
VNC = 0 to VCC
0.25
NO On-Resistance
Flatness
RONF(NO)
VCC = 2.7V, ICOM = 100mA,
VNO = 0 to VCC
0.15
Ω
NO or NC Off
Leakage Current
IOFF (NO) or
IOFF (NC)
VCC = 3.3V, VNO or VNC = 3V, 0.3V,
VCOM = 0.3V, 3V
-80
80
COM On Leakage
Current
ICOM (ON)
VCC = 3.3V, VNO or VNC = 3V, 0.3V,
VCOM = 0.3V, 3V, or floating
-160
160
nA
Digital I/O
Input Logic High
VIH
1.3
Input Logic Low
VIL
0.6
V
Input Hysteresis
VH
VCC = 3.3V
200
mV
IN Input Leakage
Current
IIN
VIN = 0 or VCC
-1
1
µA
Power Supply
Power-Supply Range
VCC
1.65
5.5
V
Supply Current
ICC
VCC = 5.5V, VIN = 0 or VCC
200
nA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com