Electronic Components Datasheet Search
  English  ▼

X  

PA4684 Datasheet(PDF) 1 Page - Protek Devices

Part # PA4684
Description  Dual SPDT Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4684 Datasheet(HTML) 1 Page - Protek Devices

  PA4684 Datasheet HTML 1Page - Protek Devices PA4684 Datasheet HTML 2Page - Protek Devices PA4684 Datasheet HTML 3Page - Protek Devices PA4684 Datasheet HTML 4Page - Protek Devices PA4684 Datasheet HTML 5Page - Protek Devices PA4684 Datasheet HTML 6Page - Protek Devices PA4684 Datasheet HTML 7Page - Protek Devices PA4684 Datasheet HTML 8Page - Protek Devices PA4684 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
52
PA4684
Dual SPDT Analog Switch
Features
CMOS Technology for Bus and Analog Applications
Low On-Resistance: 0.5Ω.
Wide VCC Range: 1.65V to 5.5V
Rail-to-Rail Signal Range
Control Input Over voltage Tolerance: 5.5V min.
High Off Isolation: -42dB
Crosstalk Rejection Reduces Signal Distortion: -70dB
Low THD (0.05% @ VCC = 2.7V)
Break-Before-Make Switching
Extended Industrial Temperature Range: –40°C to 85°C
Applications
Cell Phones
PDA’s
95080 Rev2.08/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
MP3 players
Portable Instrumentation
Speaker Headset Switching
Power Routing
Relay Replacement
Audio and Video Signal Routing
PCMCIA Cards
Modems
USB1.1
Pin Description
Pin #
DFN
Pin #
CSP
Name
Description
2,10
A4, C4
NOX
Data Port (Normally open)
6
B1
GND
Ground
5,7
A1, C1
NCX
Data Port (Normally closed)
3,9
A3, C3
COMX Common Output / Data Port
1
B4
VCC
Positive Power Supply
4,8
A2, C2
INX
Logic Control
Logic Function Table
Ordering Information
Temp Range
Package
Part Number
Flip Chip 10 Bump
PA4684-T7
-40 to +85°C
DFN-10
PA4684DN
Description
ProTek Analog’s PA4684 is a dual high-bandwidth, fast
single-pole double throw (SPDT) CMOS switch. It can be
used as an analog switch or as a low-delay bus switch.
Specified over a wide operating power supply voltage, 1.65V
to 5.5V, the PA4684 has a maximum On-Resistance of 0.5Ω
at +2.7V.
Break-before-make switching prevents both switches being
enabled simultaneously. This eliminates signal disruption
during switching.
The control input, INX, tolerates input drive signals up to
6.0V, independent of supply voltage.
Pin Configuration,
GND
A1
NC1
C1
B1
NC2
Flip Chip
DFN-10
Functional Diagram
Logic Input (INX)
Function
0
NCX Connected to COMX
1
NOX Connected to COMX
IN1
COM
NO1
IN2
COM
NO2
VCC
C2
C3
C4
A2
A3
A4
B4
IN2
NC2
NO2
NC1
NO1
IN1
COM2
COM1
GND
V+
COM2
GND
V+
NO1
COM1
IN1
NC1
NC2
IN2
NO2
1
10
5
6


Similar Part No. - PA4684

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
More results

Similar Description - PA4684

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
Dual, SPDT CMOS Analog Switch
November 17, 2004
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
LoPro??Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
Dual, SPDT Analog Switch
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
Dual SPDT Analog Switch
10-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com