Electronic Components Datasheet Search
  English  ▼

X  

KIB3401F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIB3401F
Description  BICD LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIB3401F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIB3401F Datasheet HTML 1Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 2Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 3Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 4Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 5Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2006. 4. 13
2/6
KIB3401F
Revision No : 3
CHARATERISTICS
SYMBOL
RATING
UNIT
Input Voltage
VCC
-0.3 ~ 6.0
V
Switching pin Voltage
VSW
-0.3 ~ 22
V
OVD pin Voltage
VOVD
-0.3 ~ 22
V
Operating temperature range
Topr
-40 ~ 85
Storage temperature range
Tstg
-40 ~ 150
Maximum Junction temperature
Tj
150
CHARATERISTICS
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage
VCC
-
2.8
-
5.5
V
CTL pin voltage for full LED current
VCTL H
VCC=3.0V
2.7
-
-
V
CTL pin voltage to shutdown chip
VCTL L
-
-
0.5
V
CTL pin input pulse width
tPW(CTL)
Both Positive and Negative pulse
33
-
-
LED Current
IF
VCC=3.6V, RSENSE=16 ,
Topr =25 , Four LED
-
20
-
CTL Response Delay
(When Power ON.)
Tpd CTL
-
2
-
-
MAXIMUM RATINGS (Ta=25 )
RECOMMENDED OPERATING CONDITIONS (Topr=-40~85 )
One Shot
One Shot
SW
OUT
OVD
VRef
Vth
320mV
FB(Rsense)
GND
CTL
ADC
+
-
OUT
+
-
+
-
+
_
+
-
+
_
+
-
+
-
2
3
6
4
1
5
VCC
BLOCK DIAGRAM
figure 2. KIB3401F Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com