Electronic Components Datasheet Search
  English  ▼

X  

KIB3401F Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIB3401F
Description  BICD LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIB3401F Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIB3401F Datasheet HTML 1Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 2Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 3Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 4Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 5Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2006. 4. 13
5/6
KIB3401F
Revision No : 3
2. Using a PWM Signal to CTL pin.
With the PWM signal applied to the CTL pin, the KIB3401F is turned
on or off by the signal. Typical frequency range of the PWM signal is
15kHz to 30kHz.
The switching waveforms of the CTL pin PWM
control are shown in Figure 7(A) and 7(B)
Figure 7. Using a PWM Signal to CTL pin.
3. Using a DC Voltage to FB pin.
The dimming control using a DC control voltage to FB pin of the
KIB3401F is shown in Figure. The LED current can be varied
applying a DC voltage to the FB pin. The voltage can come from a
filtered PWM signal. It can be used to replace the variable DC
Voltage source in dimming control.
4. Using a Logic Signal to FB pin.
For applications that need to adjust the LED current in discret steps,
a logic signal can be used as shown in Figure 9.
Figure6. Using a DC Signal to CTL pin.
0
GND
SW
L1
C1
C2
KIB3401F
D1
DC
CTL
FB
OVD
LED1
LED2
LED3
LED4
1
2
4
3
6
5
VCC
1 F
µ
4.7 H~10 H
µ
µ
1 F
µ
VIN
0
GND
SW
L1
C1
C2
VIN
KIB3401F
D1
PWM
CTL
FB
OVD
LED1
LED2
LED3
LED4
1
2
4
3
6
5
VCC
1 F
µ
4.7 H~10 H
µ
µ
1 F
µ
VSW
5V/Div
VCTL
5V/Div
(A) 1kHz (2ms/Div)
0
Figure8. Using DC Voltage to FB pin.
0
GND
SW
L1
C1
C2
R1
R2
KIB3401F
D1
CTL
FB
DC
OVD
LED1
LED2
LED3
LED4
0
0
1
2
4
3
6
5
VCC
1 F
µ
1 F
µ
VIN
0
Figure9. Using a Logic Signal to FB pin.
GND
VCC
SW
L1
1uF
C1
1uF
C2
dim
R
LOGIC
KTK5132V
KIB3401F
D1
CTL
FB
RSENSE
OVD
LED1
LED2
LED3
LED4
1
2
4
3
6
5
VIN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com