Electronic Components Datasheet Search
  English  ▼

X  

KIB3401F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIB3401F
Description  BICD LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIB3401F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIB3401F Datasheet HTML 1Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 2Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 3Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 4Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 5Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2006. 4. 13
1/6
SEMICONDUCTOR
TECHNICAL DATA
KIB3401F
BICD LINEAR INTEGRATED CIRCUIT
Revision No : 3
White LED Step-Up Converter
The KIB3401F is a monolithic step-up DC/DC converter specifically
designed to drive white LEDs with a constant current from Li-ion cell.
Relative large 320mV feedback voltage & it’s high accuracy help you
setting LED current with a external resistor.
KIB3401F is available in a extremely low profile & small TS-6 package.
A 10 H inductor is sufficient for most application.
FEATURES
Inherently Matched LED Current.
High Efficiency : 85% (max.)
Built in a open circuits protection for the LEDs fail.
Drives Up to four LEDs without external zener diode.
Drives Up to six LEDs with external zener diode.
Built in a N-channel MOSFET Switch.
Fast 1.1MHz(typ.) Switching Frequency.
Uses Tiny 1mm Tall Inductors.
Bulit in Thermal protection.
Wide Dimming control range : 25%~100%.
Extremely low height & small Packaging.
APPLICATIONS
Celluars Phones
PDAs
Digital Cameras
MP3 Players, Color Displays
DIM
MILLIMETERS
A
B
D
E
TS6
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
K
B
E
H
J
J
2
3
5
16
4
+
_
+
_
+
_
+
_
+
_
Figure1. 4Series White LED Driver in Thin TS6
0
C1, C2 : X5R OR X7R DIELECTRIC
D1 : KEC KDR730E/KDR720E (Low V )
L1 : MURATA LQH32CN100K53L OR EQUIVALENT
GND
SW
L1
C1
ON
Shutdown and
Dimming control
OFF
C2
21.5Ω
R1
KIB3401F
D1
CTL
FB
F
OVD
LED1
LED2
LED3
LED4
LOAD CURRENT (mA)
10
CONVERSION EFFICIENCY
75.00
77.00
79.00
81.00
83.00
85.00
87.00
05
20
15
25
3.0V
Vin
3.6V
4.3V
1
2
4
3
6
5
VCC
4.7 H~10 H
µ
µ
1 F
µ
VIN
1 F
µ
TYPICAL APPLICATION
Marking
Lot No.
Type Name
401
12
3
65
4


Similar Part No. - KIB3401F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIB3402F KEC-KIB3402F Datasheet
99Kb / 6P
BICD LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIB3401F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIB6990T KEC-KIB6990T Datasheet
440Kb / 2P
BICD LINEAR INTEGRATED CIRCUIT
KIB3402F KEC-KIB3402F Datasheet
99Kb / 6P
BICD LINEAR INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TB6560AFTG TOSHIBA-TB6560AFTG Datasheet
475Kb / 33P
TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-05-23
TB67H400ANG TOSHIBA-TB67H400ANG Datasheet
380Kb / 23P
TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2016-12-22
TB67S111PG TOSHIBA-TB67S111PG Datasheet
313Kb / 15P
TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2017-08-04
TB62210FNG TOSHIBA-TB62210FNG Datasheet
310Kb / 21P
TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2011-12-15
TB62213AFG TOSHIBA-TB62213AFG Datasheet
906Kb / 22P
BiCD Integrated Circuit Silicon Monolithic
2015-03-09
TB62213AFNG TOSHIBA-TB62213AFNG Datasheet
496Kb / 23P
BiCD Integrated Circuit Silicon Monolithic
2014-07-10
TB62213AFTG TOSHIBA-TB62213AFTG Datasheet
760Kb / 23P
BiCD Integrated Circuit Silicon Monolithic
2014-12-27
TB62218AFNG TOSHIBA-TB62218AFNG Datasheet
1Mb / 24P
TOSHIBA BiCD Integrated Circuit Silicon Monolithic
2014-10-01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com