Electronic Components Datasheet Search
  English  ▼

X  

KIB3401F Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIB3401F
Description  BICD LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIB3401F Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KIB3401F Datasheet HTML 1Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 2Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 3Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 4Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 5Page - KEC(Korea Electronics) KIB3401F Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2006. 4. 13
6/6
KIB3401F
Revision No : 3
V
(V)
01
2
3
4
0
400
300
200
100
0
-10
110
70
30
-50
TEMP ( C)
Quiescent Current vs Temperature
Thermal Shut Down
V
vs V
FB
FB
CTL
CTL
300
50
350
200
250
100
150
5
-60
-10
40
90
50
55
60
65
70
75
80
85
90
95
140
500
Temperature ( C)
Efficicncy vs Temperature
Vcc (V)
1.5
2.5
3.5
4.5
5.5
Frequency vs Vcc
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
6.5
-50
0
50
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
100
Temperature ( C)
Switching Frequency vs Temperature
TEMP ( C)
350
300
0
125
185
175
165
145
115
155
135
105
400
200
150
100
50
250
Vin=3.0V
Vin=3.6V
Vin=4.3V
V
f
Vin=2.7V
Vin=3.6V
Vin=4.3V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com