Electronic Components Datasheet Search
  English  ▼

X  

NE55 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # NE55
Description  PRECISION TIMERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NE55 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button NE55 Datasheet HTML 5Page - Diodes Incorporated NE55 Datasheet HTML 6Page - Diodes Incorporated NE55 Datasheet HTML 7Page - Diodes Incorporated NE55 Datasheet HTML 8Page - Diodes Incorporated NE55 Datasheet HTML 9Page - Diodes Incorporated NE55 Datasheet HTML 10Page - Diodes Incorporated NE55 Datasheet HTML 11Page - Diodes Incorporated NE55 Datasheet HTML 12Page - Diodes Incorporated NE55 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
9 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Typical Applications Characteristics (cont.)
Missing Pulse Detector
The circuit shown in Figure 7 can be used to detect a missing pulse or abnormally long spacing between consecutive pulses
in a train of pulses. The timing interval of the monostable circuit is retriggered continuously by the input pulse train as long as
the pulse spacing is less than the timing interval. A longer pulse spacing, missing pulse, or terminated pulse train permits the
timing interval to be completed, thereby generating an output pulse as shown in Figure 8.
 
Fig. 7 Circuit for Missing Pulse Dectector
Fig. 8 Timing Waveforms for Missing Pulse
Dectector
Frequency Divider
By adjusting the length of the timing cycle, the basic circuit of Figure 1 can be made to operate as a frequency divider. Figure
9 shows a divide-by-three circuit that makes use of the fact that retriggering cannot occur during the timing cycle.
Fig. 9 Divide by Three Circuit Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com