Electronic Components Datasheet Search
  English  ▼

X  

NE55 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # NE55
Description  PRECISION TIMERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NE55 Datasheet(HTML) 3 Page - Diodes Incorporated

  NE55 Datasheet HTML 1Page - Diodes Incorporated NE55 Datasheet HTML 2Page - Diodes Incorporated NE55 Datasheet HTML 3Page - Diodes Incorporated NE55 Datasheet HTML 4Page - Diodes Incorporated NE55 Datasheet HTML 5Page - Diodes Incorporated NE55 Datasheet HTML 6Page - Diodes Incorporated NE55 Datasheet HTML 7Page - Diodes Incorporated NE55 Datasheet HTML 8Page - Diodes Incorporated NE55 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
3 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Absolute Maximum Ratings (Note 2) @ TA = 25°C unless otherwise stated
Symbol
Parameter
Rating
Unit
VCC
Supply voltage (Note 3)
18
V
VI
Input voltage
CONT, RESET, THRES, TRIG
VCC
V
IO
Output current
±225
mA
θJA
Package thermal resistance Junction-to-Ambient (Note 4)
130
°C/W
θJC
Package thermal resistance Junction-to-Case (Note 5)
15
°C/W
TJ
Junction temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C
Recommended Operating Conditions (TA = 25°C)
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
4.5
16
V
VI
Input voltage
CONT, RESET, THRES, TRIG
VCC
V
IO
Output current
±200
mA
TA
Operating Ambient Temperature
NE555
0
70
°C
SA555
-40
85
NA555
-40
105
Notes:
2. Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions"
is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3. All voltage values are with respect ground.
4. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature
is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
5. Maximum power dissipation is a function of TJ(max), θJC, and TA. The maximum allowable power dissipation at any allowable ambient temperature
is PD = (TJ(max) – TC)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
Electrical Characteristics (VCC = 5V to 15V, TA = 25°C unless otherwise stated)
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
VTH
Threshold voltage level
VCC = 15V
8.8
10
11.2
V
VCC = 5V
2.4
3.3
4.2
ITH
Threshold current (Note 6)
30
250
nA
VTR
Trigger voltage level
VCC = 15V
4.5
5
5.6
V
VCC = 5V
1.1
1.67
2.2
ITR
Trigger current
TRIG at 0V
0.5
2
µA
VRST
RESET voltage level
0.3
0.7
1
V
IRST
RESET current
RESET at VCC
0.1
0.4
mA
RESET at 0V
-0.4
-1.5
IDIS
DISCH switch off-state current
20
100
nA
VDIS
DISCH saturation voltage with
output low (Note 7)
VCC = 15V, IDIS = 15mA
180
480
mV
VCC = 5V, IDIS = 4.5mA
80
200
VCON
CONT voltage (open circuit)
VCC = 15V
9
10
11
V
VCC = 5V
2.6
3.3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com