Electronic Components Datasheet Search
  English  ▼

X  

NE55 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # NE55
Description  PRECISION TIMERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NE55 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button NE55 Datasheet HTML 6Page - Diodes Incorporated NE55 Datasheet HTML 7Page - Diodes Incorporated NE55 Datasheet HTML 8Page - Diodes Incorporated NE55 Datasheet HTML 9Page - Diodes Incorporated NE55 Datasheet HTML 10Page - Diodes Incorporated NE55 Datasheet HTML 11Page - Diodes Incorporated NE55 Datasheet HTML 12Page - Diodes Incorporated NE55 Datasheet HTML 13Page - Diodes Incorporated NE55 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
10 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Typical Applications Characteristics (cont.)
Pulse Width Modulation
The operation of the timer can be modified by modulating the internal threshold and trigger voltages, which is accomplished
by applying an external voltage (or current) to CONT. Figure 10 shows a circuit for pulse-width modulation. A continuous
input pulse train triggers the monostable circuit, and a control signal modulates the threshold voltage. Figure 11 shows the
resulting output pulse-width modulation. While a sine-wave modulation signal is shown, any wave shape could be used.
Fig 10. Circuit for Pulse width modulation
Fig 11. Pulse width modulation timing diagrams
Pulse Position Modulation
As shown in Figure 12, any of these timers can be used as a pulse-position modulator. This application modulates the
threshold voltage and, thereby, the time delay, of a free-running oscillator. Figure 13 shows a triangular-wave modulation
signal for such a circuit; however, any wave shape could be used.
 
Fig 12. Circuit for pulse position modulation
Fig 13. Pulse position modulation timing diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com