Electronic Components Datasheet Search
  English  ▼

X  

NE55 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # NE55
Description  PRECISION TIMERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NE55 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button NE55 Datasheet HTML 6Page - Diodes Incorporated NE55 Datasheet HTML 7Page - Diodes Incorporated NE55 Datasheet HTML 8Page - Diodes Incorporated NE55 Datasheet HTML 9Page - Diodes Incorporated NE55 Datasheet HTML 10Page - Diodes Incorporated NE55 Datasheet HTML 11Page - Diodes Incorporated NE55 Datasheet HTML 12Page - Diodes Incorporated NE55 Datasheet HTML 13Page - Diodes Incorporated NE55 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
12 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Ordering Information
Device
Operating
Temperature
Package
Code
Packaging
(Note 10)
13” Tape and Reel
Quantity
Part Number Suffix
NE555S-13
0 to 70°C
S
SO-8
2500/Tape & Reel
-13
SA555S-13
-40 to 85°C
S
SO-8
2500/Tape & Reel
-13
NA555S-13
-40 to 105°C
S
SO-8
2500/Tape & Reel
-13
Notes:
10. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
SO-8
Package
Packing
S : SO-8
:
13 : Tape & Reel
XXXXX X -X
Device
NE555
SA555
NA555
Package
Packing
S : SO-8
:
13 : Tape & Reel
XXXXX X -X
Device
NE555
SA555
NA555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com