Electronic Components Datasheet Search
  English  ▼

X  

SC402B Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC402B
Description  10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC402B Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC402B Datasheet HTML 2Page - Semtech Corporation SC402B Datasheet HTML 3Page - Semtech Corporation SC402B Datasheet HTML 4Page - Semtech Corporation SC402B Datasheet HTML 5Page - Semtech Corporation SC402B Datasheet HTML 6Page - Semtech Corporation SC402B Datasheet HTML 7Page - Semtech Corporation SC402B Datasheet HTML 8Page - Semtech Corporation SC402B Datasheet HTML 9Page - Semtech Corporation SC402B Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SC402B
6
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Linear Regulator (LDO)
FBL Accuracy
VLDO load = 5mA
0.728
0.75
0.773
V
LDO Current Limit
Short-circuit protection, V
IN = 12V, VDD < 0.75V
65
mA
Start-up and foldback, V
IN = 12V,
0.75 < V
DD < 90% of final VDD value
115
Operating current limit, V
IN = 12V,
V
DD > 90% of final VDD value
135
200
VLDO to VOUT Switch-over Threshold (4)
-130
+130
mV
VLDO to VOUT Non-switch-over Threshold (4)
-500
+500
mV
VLDO to VOUT Switch-over Resistance
V
OUT = +5V
2
Ω
LDO Drop Out Voltage (5)
From V
IN to VDD, VDD = +5V, IVLDO = 100mA
1.2
V
Notes:
(1) V
IN UVLO is programmable using a resistor divider from VIN to ENL to AGND. The ENL voltage is compared to an internal reference.
(2) Typical value measured on standard evaluation board.
(3) SC402B has first order temperature compensation for over current. Results vary based upon the PCB thermal layout.
(4) The switch-over threshold is the maximum voltage differential between the VDD and VOUT pins which ensures that VLDO will internally
switch-over to VOUT. The non-switch-over threshold is the minimum voltage differential between the VLDO and VOUT pins which ensures
that VLDO will not switch-over to VOUT.
(5) The LDO drop out voltage is the voltage at which the LDO output drops 2% below the nominal regulation point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com