Electronic Components Datasheet Search
  English  ▼

X  

SC402B Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC402B
Description  10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC402B Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC402B Datasheet HTML 14Page - Semtech Corporation SC402B Datasheet HTML 15Page - Semtech Corporation SC402B Datasheet HTML 16Page - Semtech Corporation SC402B Datasheet HTML 17Page - Semtech Corporation SC402B Datasheet HTML 18Page - Semtech Corporation SC402B Datasheet HTML 19Page - Semtech Corporation SC402B Datasheet HTML 20Page - Semtech Corporation SC402B Datasheet HTML 21Page - Semtech Corporation SC402B Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SC402B
18
The SC402B PSAVE operation reduces the switching fre-
quency according to the load for increased efficiency at
light load conditions.
Forced Continuous Mode Operation
The SC402B operates the switcher in FCM (Forced
Continuous Mode) by floating the EN/PSV pin (see Figure
4). In this mode one of the power MOSFETs is always on,
with no intentional dead time other than to avoid cross-
conduction. This feature results in uniform frequency
across the full load range with the trade-off being poor
efficiency at light loads due to the high-frequency switch-
ing of the MOSFETs. DH is gate signal to drive upper
MOSFET. DL is lower gate signal to drive lower MOSFET.
FB Ripple
Voltage (VFB)
FB threshold
DL
DH
Inductor
Current
DC Load Current
DH on-time is triggered when
VFB reaches the FB Threshold.
On-time
(TON)
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 4 — Forced Continuous Mode Operation
Power-save Operation
The SC402B provides power-save operation at light loads
with no minimum operating frequency. With power-save
enabled, the internal zero crossing comparator monitors
the inductor current via the voltage across the low-side
MOSFET during the off-time. If the inductor current falls to
zero for 8 consecutive switching cycles, the controller
enters power-save operation. It will turn off the low-side
MOSFET on each subsequent cycle provided that the
current crosses zero. At this time both MOSFETs remain off
until V
FB drops to the 600mV threshold. Because the
MOSFETs are off, the load is supplied by the output
capacitor.
If the inductor current does not reach zero on any switch-
ing cycle, the controller immediately exits power-save and
returns to forced continuous mode.
Figure 5 shows power-save operation at light loads.
FB Ripple
Voltage
(VFB)
FB threshold
DL
DH
Inductor
Current
Zero (0A)
DH On-time is triggered when
VFB reaches the FB Threshold.
On-time (TON)
DL drives high when on-time is completed.
DL remains high until inductor current reaches zero.
Dead time varies
according to load
Figure 5 — Power-save Operation
Smart Power-save Protection
Active loads may leak current from a higher voltage into
the switcher output. Under light load conditions with
power-save enabled, this can force V
OUT to slowly rise and
reach the over-voltage threshold, resulting in a hard shut-
down. Smart power save prevents this condition. When
the FB voltage exceeds 10% above nominal, the device
immediately disables power save, and DL drives high to
turn on the low-side MOSFET. This draws current from
V
OUT through the inductor and causes VOUT to fall. When VFB
drops back to the 600mV trip point, a normal T
ON switch-
ing cycle begins. This method prevents a hard OVP shut-
down and also cycles energy from V
OUT back to VIN. It also
minimizes operating power by avoiding forced conduc-
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com