Electronic Components Datasheet Search
  English  ▼

X  

SC402B Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC402B
Description  10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC402B Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC402B Datasheet HTML 7Page - Semtech Corporation SC402B Datasheet HTML 8Page - Semtech Corporation SC402B Datasheet HTML 9Page - Semtech Corporation SC402B Datasheet HTML 10Page - Semtech Corporation SC402B Datasheet HTML 11Page - Semtech Corporation SC402B Datasheet HTML 12Page - Semtech Corporation SC402B Datasheet HTML 13Page - Semtech Corporation SC402B Datasheet HTML 14Page - Semtech Corporation SC402B Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SC402B
11
Typical Characteristics (continued)
Load Regulation vs. Temperature — FCM
Characteristics in this section are based on using the Typical Application Circuit on page 8.
1.495
1.500
1.505
1.510
1.515
1.520
1.525
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
TA = -40°C
VIN = 12V
TA = 25°C
VIN = 5V
TA = 25°C
VIN = 12V
TA = 25°C
VIN = 18V
TA = -40°C
VIN = 5V
TA = -40°C
VIN = 18V
TA = 85°C
VIN = 12V
TA = 85°C
VIN = 18V
TA = 85°C
VIN = 5V
Load Regulation vs. Temperature — FCM
Load Regulation vs. Temperature — PSAVE
VDD = 5V, V
OUT = 1.5V
1.495
1.500
1.505
1.510
1.515
1.520
1.525
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
TA = -40°C
VIN = 12V
TA = 25°C
VIN = 5V
TA = 25°C
VIN = 12V
TA = -40°C
VIN = 5V
TA = 85°C
VIN = 12V
TA = 85°C
VIN = 5V
VDD = 3.3V, V
OUT = 1.5V
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
VOUT = 1V
VOUT = 5V
VOUT = 1.5V
VOUT = 2.5V
VOUT = 3.3V
Efficiency Variation with V
OUT— PSAVE
VDD = 5V, V
IN = 12V, L = 2.2uH (4.6m Ω) for VOUT = 2.5V, 3.3V and 5V
VDD = 5V, V
OUT = 1.5V
1.495
1.500
1.505
1.510
1.515
1.520
1.525
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
TA = -40°C
VIN = 12V
TA = 25°C
VIN = 5V
TA = 25°C
VIN = 12V
TA = -40°C
VIN = 5V
TA = 85°C
VIN = 12V
TA = 85°C
VIN = 5V
Load Regulation vs. Temperature — PSAVE
VDD = 5V, V
OUT = 1.5V
Efficiency/Power Loss vs. Load — PSAVE Mode
50
55
60
65
70
75
80
85
90
95
100
0.000
0.001
0.010
0.100
1.000
10.000
IOUT (A)
0.000
0.035
0.070
0.105
0.140
0.175
0.210
0.245
0.280
0.315
0.350
LDO minus External
External
Bias
LDO
Bias
VDD = 5V, V
IN = 12V, VOUT = 1.5V
1.495
1.500
1.505
1.510
1.515
1.520
1.525
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
TA = -40°C
VIN = 12V
TA = 25°C
VIN = 5V
TA = 25°C
VIN = 12V
TA = 25°C
VIN = 18V
TA = -40°C
VIN = 5V
TA = 85°C
VIN = 12V
TA = 85°C
VIN = 18V
TA = 85°C
VIN = 5V
TA = -40°C
VIN = 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com