Electronic Components Datasheet Search
  English  ▼

X  

SC402B Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC402B
Description  10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC402B Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC402B Datasheet HTML 4Page - Semtech Corporation SC402B Datasheet HTML 5Page - Semtech Corporation SC402B Datasheet HTML 6Page - Semtech Corporation SC402B Datasheet HTML 7Page - Semtech Corporation SC402B Datasheet HTML 8Page - Semtech Corporation SC402B Datasheet HTML 9Page - Semtech Corporation SC402B Datasheet HTML 10Page - Semtech Corporation SC402B Datasheet HTML 11Page - Semtech Corporation SC402B Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
SC402B
8
RTON
130KΩ
SC402B
FB
1
VOUT
2
VDD
3
AGND
4
FBL
5
VIN
6
SS
7
BST
8
17
18
19
20
21
PGND 22
LX 23
LX 24
AGND
PAD 1
LX PAD 3
RILIM
7.68KΩ
5V
10Ω
CIN
2 x 10µF
(see note)
RGND
0
CBST
1µF
VIN
+12V
PGND
PGND
PGND
PGND
PGND
CFF
100pF
RFB1
10KΩ
L1
1µH
RFB2
6.65KΩ
VOUT
1.5V @ 10A, 300kHz
ENABLE/PSAVE
+
COUT
9mΩ
330µF
PGOOD
1µF
Component
Value
Manufacturer
Part Number
Web
CIN (see note)
2 x 10µF/25V
Murata
GRM32DR71E106KA12L
www.murata.com
www.panasonic.com
Key Components
NOTE: The quantity of 10µF input capacitors required varies with the application requirements.
www.cyntec.com
External 3.3V - 5V Used as Bias
3.3nF
22µF
1µF
COUT
330µF/9mΩ
Panasonic
EEF-SX0E331ER
PIMB104T-1R0MS
1.0µH/3mΩ
Cyntec
L1
RBST
0Ω
Detailed Application Circuit — 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com