Electronic Components Datasheet Search
  English  ▼

X  

MIC22600 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC22600 Datasheet HTML 11Page - Micrel Semiconductor MIC22600 Datasheet HTML 12Page - Micrel Semiconductor MIC22600 Datasheet HTML 13Page - Micrel Semiconductor MIC22600 Datasheet HTML 14Page - Micrel Semiconductor MIC22600 Datasheet HTML 15Page - Micrel Semiconductor MIC22600 Datasheet HTML 16Page - Micrel Semiconductor MIC22600 Datasheet HTML 17Page - Micrel Semiconductor MIC22600 Datasheet HTML 18Page - Micrel Semiconductor MIC22600 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Micrel, Inc.
MIC22600
June 2011
15
M9999-062411-D
In the first case, driving RC with a voltage from 0V to
VREF programs the output voltage between 0 and 100%
of the nominal set voltage.
In the second case, the external capacitor sets the ramp
up and ramp down time of the output voltage. The time
is given by
6
10
.
1
7
.
0
−
=
RC
RAMP
C
⋅
T
where TRAMP is the time
from 0 to 100% nominal output voltage.
RC pin cannot be left floating. Use a minimum capacitor
value of 220pF or larger.
Sequencing and Tracking Examples
There are four distinct variations which are easily
implemented using the MIC22600. The two sequencing
variations are Delayed and Windowed. The two tracking
variants are Normal and Ratio Metric. The following
diagrams
illustrate
methods
for
connecting
two
MIC22600’s to achieve these requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com