Electronic Components Datasheet Search
  English  ▼

X  

MIC22600 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC22600 Datasheet HTML 1Page - Micrel Semiconductor MIC22600 Datasheet HTML 2Page - Micrel Semiconductor MIC22600 Datasheet HTML 3Page - Micrel Semiconductor MIC22600 Datasheet HTML 4Page - Micrel Semiconductor MIC22600 Datasheet HTML 5Page - Micrel Semiconductor MIC22600 Datasheet HTML 6Page - Micrel Semiconductor MIC22600 Datasheet HTML 7Page - Micrel Semiconductor MIC22600 Datasheet HTML 8Page - Micrel Semiconductor MIC22600 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Micrel, Inc.
MIC22600
June 2011
3
M9999-062411-D
Pin Description
Pin Number
MLF-24
Pin Number
TSSOP-24
Pin Name
Description
1, 6, 13, 18
3, 10, 15, 22
PVIN
Power Supply Voltage (Input): Requires bypass capacitor to GND.
17
2
SVIN
Signal Power Supply Voltage (Input): Requires bypass capacitor to GND.
2
11
EN/DLY
EN/DLY (Input): When this pin is pulled higher than the enable threshold, the
part will start up. Below this voltage the device is in its low quiescent current
mode. The pin has a 1µA current source charging it to VIN. By adding a
capacitor to this pin a delay may easily be generated. The enable function will
not operate with an input voltage lower than the min specified voltage.
4
13
RC
Ramp Control: Capacitor to ground from this pin determines slew rate of output
voltage during start-up. This can be used for tracking capability as well as soft
start. RC pin cannot be left floating. Use a minimum capacitor value of 220pF or
larger.
14
23
FB
Feedback: Input to the error amplifier, connect to the external resistor divider
network to set the output voltage.
15
24
COMP
Compensation pin (Input): Place a RC network to GND to compensate the
device, see applications section.
5
14
POR/PG
Power On Reset (Output): Open-drain output device indicates when the output
is out of regulation and is active after the delay set by the DELAY pin.
7, 12, 19, 24
4, 9, 16, 21
PGND
Power Ground (Signal): Ground
16
1
SGND
Signal Ground (Signal): Ground
3
12
DELAY
DELAY (Input): Capacitor to ground sets internal delay timer. Timer delays
power-on reset (POR) output at turn-on and ramp down at turn-off.
8, 9, 10, 11,
20, 21, 22, 23
5, 6, 7, 8,
17, 18 19, 20
SW
Switch (Output): Internal power MOSFET output switches.
EP
EP
GND
Exposed Pad (Power): Must make a full connection to a GND plane for full
output power to be realized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com