Electronic Components Datasheet Search
  English  ▼

X  

MIC22600 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC22600 Datasheet HTML 13Page - Micrel Semiconductor MIC22600 Datasheet HTML 14Page - Micrel Semiconductor MIC22600 Datasheet HTML 15Page - Micrel Semiconductor MIC22600 Datasheet HTML 16Page - Micrel Semiconductor MIC22600 Datasheet HTML 17Page - Micrel Semiconductor MIC22600 Datasheet HTML 18Page - Micrel Semiconductor MIC22600 Datasheet HTML 19Page - Micrel Semiconductor MIC22600 Datasheet HTML 20Page - Micrel Semiconductor MIC22600 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Micrel, Inc.
MIC22600
June 2011
17
M9999-062411-D
Ratio Metric Tracking:
Figure 9. Ratio Metric Tracking Circuit
Figure 10. Ratio Metric Tracking Example
An alternative method here shows an example of a VDDQ
& VTT solution for a DDR memory power supply. Note
that POR is taken from Vo1 as POR2 will not go high.
This is because POR is set high when FB > 0.9
⋅VREF. In
this example, FB2 is regulated to ½⋅VREF.
DDR Memory VDD and VTT Tracking
Figure 11. DDR Memory Tracking Circuit
Figure 12. DDR Memory Tracking Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com