Electronic Components Datasheet Search
  English  ▼

X  

MIC22600 Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC22600 Datasheet HTML 18Page - Micrel Semiconductor MIC22600 Datasheet HTML 19Page - Micrel Semiconductor MIC22600 Datasheet HTML 20Page - Micrel Semiconductor MIC22600 Datasheet HTML 21Page - Micrel Semiconductor MIC22600 Datasheet HTML 22Page - Micrel Semiconductor MIC22600 Datasheet HTML 23Page - Micrel Semiconductor MIC22600 Datasheet HTML 24Page - Micrel Semiconductor MIC22600 Datasheet HTML 25Page - Micrel Semiconductor MIC22600 Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Micrel, Inc.
MIC22600
June 2011
22
M9999-062411-D
Bill of Materials (Continued)
Item
Part Number
Manufacturer
Description
Qty.
R1
CRCW06031101FKEYE3.
Vishay
(4)
1.1k, 0603 Resistor
1
R2
CRCW04026980FKEYE3.
Vishay
(4)
698Ω, 0402 Resistor
1
R3
CRCW06034752FKEYE3.
Vishay
(4)
47.5k, 0603 Resistor
1
R4
CRCW04022002FKEYE3.
Vishay
(4)
20k, 0402 Resistor
1
Rx
OPEN
Open, 0603 Resistor
1
Q1
OPEN
SOT-23
1
U1
MIC22600YML
Micrel
(8)
Integrated 6A Synchronous Buck Regulator
1
Notes:
1. TDK: www.tdk.com.
2. AVX: www.avx.com.
3. Murata: www.murata.com.
4. Vishay: www.vishay.com.
5. Diodes Inc.: www.diodes.com.
6. Sumida: www.sumida.com.
7. Coiltronics: www.mouser.com/coiltronics.
8. Micrel: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com