Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 71Page - Maxim Integrated Products DS1886 Datasheet HTML 72Page - Maxim Integrated Products DS1886 Datasheet HTML 73Page - Maxim Integrated Products DS1886 Datasheet HTML 74Page - Maxim Integrated Products DS1886 Datasheet HTML 75Page - Maxim Integrated Products DS1886 Datasheet HTML 76Page - Maxim Integrated Products DS1886 Datasheet HTML 77Page - Maxim Integrated Products DS1886 Datasheet HTML 78Page - Maxim Integrated Products DS1886 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
���������������������������������������������������������������� Maxim Integrated Products 75
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
A2h Table 02h, Register C2h–C6h: RESERVED
A2h Table 02h, Register C7h: TBLSELPON
A2h Table 02h, Register C8h–C9h: DAC VALUE
FACTORY DEFAULT
00h
READ ACCESS
N/A
WRITE ACCESS
N/A
MEMORY TYPE
Nonvolatile (SEE)
These registers are reserved.
FACTORY DEFAULT
00h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RBL246)
WRITE ACCESS
PW2 or (PW1 and RWTBL246)
MEMORY TYPE
Nonvolatile (SEE)
C7h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Chooses the initial value for the TBL SEL byte (Lower Memory, Register 7Fh) at power-on.
FACTORY DEFAULT
0000h
READ ACCESS
PW2 or (PW1 and RWTBL246) or (PW1 and RBL246)
WRITE ACCESS
(PW2 and BIAS LUT EN = 0) or (PW1 and RWTBL246 and BIAS LUT EN = 0)
MEMORY TYPE
Volatile
C8h
0
0
0
0
0
0
29
28
C9h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Value written to DAC when DAC_EN = 0, or calculated using the formula stated in the Delta-Sigma Output and
Reference section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com