Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 41Page - Maxim Integrated Products DS1886 Datasheet HTML 42Page - Maxim Integrated Products DS1886 Datasheet HTML 43Page - Maxim Integrated Products DS1886 Datasheet HTML 44Page - Maxim Integrated Products DS1886 Datasheet HTML 45Page - Maxim Integrated Products DS1886 Datasheet HTML 46Page - Maxim Integrated Products DS1886 Datasheet HTML 47Page - Maxim Integrated Products DS1886 Datasheet HTML 48Page - Maxim Integrated Products DS1886 Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
���������������������������������������������������������������� Maxim Integrated Products 45
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
A2h Lower Memory, Register 08h–09h: VCC ALARM HI
A2h Lower Memory, Register 0Ch–0Dh: VCC WARN HI
A2h Lower Memory, Register 10h–11h: TXB ALARM HI
A2h Lower Memory, Register 14h–15h: TXB WARN HI
A2h Lower Memory, Register 18h–19h: TXP ALARM HI
A2h Lower Memory, Register 1Ch–1Dh: TXP WARN HI
A2h Lower Memory, Register 20h–21h: RSSI ALARM HI
A2h Lower Memory, Register 24h–25h: RSSI WARN HI
FACTORY DEFAULT
FFFFh
READ ACCESS
All
WRITE ACCESS
PW2
MEMORY TYPE
Nonvolatile (SEE)
08h, 0Ch,
10h,14h,
18h, 1Ch,
20h, 24h
215
214
213
212
211
210
29
28
09h, 0Dh,
11h, 15h,
19h, 1Dh,
21h, 25h
27
26
25
24
23
22
21
20
BIT 7
BIT 0
Voltage measurement updates above this unsigned threshold set its corresponding alarm or warning bit.
Voltage measurements equal to or below this threshold clear its alarm or warning bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com