Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 35Page - Maxim Integrated Products DS1886 Datasheet HTML 36Page - Maxim Integrated Products DS1886 Datasheet HTML 37Page - Maxim Integrated Products DS1886 Datasheet HTML 38Page - Maxim Integrated Products DS1886 Datasheet HTML 39Page - Maxim Integrated Products DS1886 Datasheet HTML 40Page - Maxim Integrated Products DS1886 Datasheet HTML 41Page - Maxim Integrated Products DS1886 Datasheet HTML 42Page - Maxim Integrated Products DS1886 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
���������������������������������������������������������������� Maxim Integrated Products 39
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
Figure 21. Memory Organization
EEPROM
(256 BYTES)
FFh
I2C ADDRESS A0hI2C ADDRESS A2h
00h
ALARM-
ENABLE ROW
(8 BYTES)
PASSWORD ENTRY
(PWE) (4 BYTES)
TABLE SELECT
BYTE
FFh
80h
F8h
MOD MAX LUT
MOD OFFSET/
SET_IMOD LUT
FFh
F0h
TABLE 01h
EEPROM
(120 BYTES)
F7h
7Fh
00h
LOWER
MEMORY
3W CONFIG
FFh
80h
E0h
TABLE 05h
FFh
F8h
TABLE 02h
NONLOOKUP
TABLE CONTROL
AND
CONFIGURATION
REGISTERS
E7h
BIASINC LUT
MODINC LUT
FFh
80h
F8h
TABLE 08h
80h
TABLE 04h
MODULATION/
TXCTRL5 LUT
EEPROM
NOTE: ALARM ENABLE ROW CAN BE CONFIGURED TO EXIST AT TABLE 01h OR TABLE 05h USING MASK BIT
IN REGISTERS 89h, TABLE 02h.
A7h
9Fh
BIAS MAX LUT
BIAS OFFSET/
SET_IBIAS LUT
FFh
F0h
DAC OFFSET LUT
FFh
80h
F8h
TABLE 09h
80h
TABLE 06h
BIAS/APC LUT
EEPROM
A7h
9Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com