Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 17Page - Maxim Integrated Products DS1886 Datasheet HTML 18Page - Maxim Integrated Products DS1886 Datasheet HTML 19Page - Maxim Integrated Products DS1886 Datasheet HTML 20Page - Maxim Integrated Products DS1886 Datasheet HTML 21Page - Maxim Integrated Products DS1886 Datasheet HTML 22Page - Maxim Integrated Products DS1886 Datasheet HTML 23Page - Maxim Integrated Products DS1886 Datasheet HTML 24Page - Maxim Integrated Products DS1886 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
���������������������������������������������������������������� Maxim Integrated Products 21
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
Figure 2. ADC Round-Robin Timing
RIGHT-SHIFT2 is determined by KRMD[1:0],
TXCTRL3[2:1] as follows:
Right-Shifting ADC Result
The right-shift operation on the ADC result is carried out
based on the contents of right-shift control registers (A2h
Table 02h, Register 8Eh and A2h Table 02h, Register
8Fh) in EEPROM. TXB, TXP, RSSIC, and RSSIF have 3
bits allocated to set the number of right-shifts. The user
must calibrate the corresponding monitors to achieve the
correct LSB weighting. Up to seven right-shift operations
are allowed and are executed as a part of every conver-
sion before the results are compared to the high and low
alarm levels, or loaded into their corresponding measure-
ment registers (Lower Memory, Registers 64h–69h). This
is true during the setup of internal calibration as well as
during subsequent data conversions.
In burst mode, right-shifting for TXP is determined by
KIMD and KRMD.
Differential RSSI Input
The DS1886 offers a fully differential input for RSSI
that enables high-side monitoring of RSSI, as shown in
Figure 3. This reduces board complexity by eliminating
the need for a high-side differential amplifier or a cur-
rent mirror.
Laser Bias and Laser Power Through TXMON
The DS1886 measures both laser bias (TXB) and laser
power (TXP) through the same input pin, TXMON. The
Figure 3. RSSI Differential Input for High-Side RSSI
KRMD[1:0]
TXCTRL3[4:3]
NO. OF RIGHT-SHIFTS
00
2
01
1
10
0
11
0
TEMP
VCC
TXB
RSSIC
TOGGLE MON_SEL
RSSIF
TXP
TEMP
tRR
NOTE: IF VCC LO ALARM OR WARNING IS ENABLED AT POWER-UP, THE ADC ROUND-ROBIN TIMING CYCLES BETWEEN TEMPERATURE AND VCC ONLY UNTIL VCC IS ABOVE
THE VCC LO ALARM THRESHOLD.
TOGGLE MON_SEL
RSSIP
RSSIN
ADC
680
Ω
ROSA
VCC
DS1886



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com