Electronic Components Datasheet Search
  English  ▼

X  

MAX1258 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1258
Description  12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1258 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1258 Datasheet HTML 10Page - Maxim Integrated Products MAX1258 Datasheet HTML 11Page - Maxim Integrated Products MAX1258 Datasheet HTML 12Page - Maxim Integrated Products MAX1258 Datasheet HTML 13Page - Maxim Integrated Products MAX1258 Datasheet HTML 14Page - Maxim Integrated Products MAX1258 Datasheet HTML 15Page - Maxim Integrated Products MAX1258 Datasheet HTML 16Page - Maxim Integrated Products MAX1258 Datasheet HTML 17Page - Maxim Integrated Products MAX1258 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
14
______________________________________________________________________________________
TEMPERATURE SENSOR ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
-40
85
DAC-TO-DAC CROSSTALK
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1220 toc47
100
µs/div
VOUTA
1V/div
VOUTB
10mV/div
AC-COUPLED
MAX1257
DAC-TO-DAC CROSSTALK
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1220 toc48
100
µs/div
VOUTA
2V/div
VOUTB
10mV/div
AC-COUPLED
MAX1220/MAX1258
DYNAMIC RESPONSE RISE TIME
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1220 toc49
1
µs/div
VOUT_
1V/div
CS
1V/div
MAX1257
DYNAMIC RESPONSE RISE TIME
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1220 toc50
1
µs/div
VOUT_
2V/div
CS
2V/div
MAX1220/MAX1258
DYNAMIC RESPONSE FALL TIME
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1220 toc51
1
µs/div
VOUT_
1V/div
CS
1V/div
MAX1257
DYNAMIC RESPONSE FALL TIME
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1220 toc52
1
µs/div
VOUT_
2V/div
CS
2V/div
MAX1220/MAX1258
MAJOR CARRY TRANSITION
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1220 toc53
1
µs/div
VOUT_
10mV/div
AC-COUPLED
CS
1V/div
MAX1257
MAJOR CARRY TRANSITION
RLOAD = 10k
Ω, CLOAD = 100pF
MAX1220 toc54
1
µs/div
VOUT_
20mV/div
AC-COUPLED
CS
2V/div
MAX1220/MAX1258
Typical Operating Characteristics (continued)
(VAVDD = VDVDD = 3V (MAX1257), external VREF = 2.5V (MAX1257), VAVDD = VDVDD = 5V (MAX1220/MAX1258), external VREF =
4.096V (MAX1220/MAX1258), fCLK = 3.6MHz (50% duty cycle), fSAMPLE = 225ksps, CLOAD = 50pF, 0.1µF capacitor at REF,
TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com