Electronic Components Datasheet Search
  English  ▼

X  

MAX1258 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX1258
Description  12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1258 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX1258 Datasheet HTML 28Page - Maxim Integrated Products MAX1258 Datasheet HTML 29Page - Maxim Integrated Products MAX1258 Datasheet HTML 30Page - Maxim Integrated Products MAX1258 Datasheet HTML 31Page - Maxim Integrated Products MAX1258 Datasheet HTML 32Page - Maxim Integrated Products MAX1258 Datasheet HTML 33Page - Maxim Integrated Products MAX1258 Datasheet HTML 34Page - Maxim Integrated Products MAX1258 Datasheet HTML 35Page - Maxim Integrated Products MAX1258 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
32
______________________________________________________________________________________
Table 20. DAC Serial-Interface Configuration
16-BIT SERIAL WORD
MSB
LSB
CONTROL
BITS
DATA BITS
C3 C2 C1 C0 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
DESCRIPTION
FUNCTION
0
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
NOP
No operation.
0
0
0
1
0
X
0
X
X
X
X
X
X
X
X
X
RESET
Reset all internal registers to 000h and
leave output buffers in their present state.
0
0
0
1
1
X
1
X
X
X
X
X
X
X
X
X
Pull-High
Preset all internal registers to FFFh and
leave output buffers in their present state.
0
0
1
0
————
———
———
——
DAC0
D11–D0 to input register 0,
DAC output unchanged.
0
0
1
1
————
———
———
——
DAC1
D11–D0 to input register 1,
DAC output unchanged.
0
1
0
0
————
———
———
——
DAC2
D11–D0 to input register 2,
DAC output unchanged.
0
1
0
1
————
———
———
——
DAC3
D11–D0 to input register 3,
DAC output unchanged.
0
1
1
0
————
———
———
——
DAC4
D11–D0 to input register 4,
DAC output unchanged.
0
1
1
1
————
———
———
——
DAC5
D11–D0 to input register 5,
DAC output unchanged.
1
0
0
0
————
———
———
——
DAC6
D11–D0 to input register 6,
DAC output unchanged.
1
0
0
1
————
———
———
——
DAC7
D11–D0 to input register 7,
DAC output unchanged.
1
0
1
0
————
———
———
——
DAC0–DAC3
D11–D0 to input registers 0–3 and DAC
registers 0–3. DAC outputs updated
(write-through).
1
0
1
1
————
———
———
——
DAC4–DAC7
D11–D0 to input registers 4–7 and DAC
registers 4–7. DAC outputs updated
(write-through).
1
1
0
0
————
———
———
——
DAC0–DAC7
D11–D0 to input registers 0–7 and DAC
registers 0–7. DAC outputs updated
(write-through).
1
1
0
1
————
———
———
——
DAC0–DAC7
D11–D0 to input registers 0–7.
DAC outputs unchanged.
111
0
X
X
X
X
DAC0–DAC7
Input registers to DAC registers indicated
by ones, DAC outputs updated,
equivalent to software
LDAC.
(No effect on DACs indicated by zeros.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com